データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK12C68-SF35ITR データシート(PDF) 11 Page - Simtek Corporation

部品番号 STK12C68-SF35ITR
部品情報  8Kx8 AutoStore nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK12C68-SF35ITR データシート(HTML) 11 Page - Simtek Corporation

Back Button STK12C68-SF35ITR Datasheet HTML 7Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 8Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 9Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 10Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 11Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 12Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 13Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 14Page - Simtek Corporation STK12C68-SF35ITR Datasheet HTML 15Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
STK12C68 (SMD5962-94599)
February 2007
Document Control #ML0008 Rev 0.7
HSB OPERATION
The STK12C68 provides the HSB pin for controlling
and acknowledging the STORE operations. The HSB
pin is used to request a hardware STORE cycle.
When the HSB pin is driven low, the STK12C68 will
conditionally initiate a STORE operation after t
DELAY;
an actual STORE cycle will only begin if a WRITE to
the SRAM took place since the last STORE or
RECALL
cycle. The HSB pin acts as an open drain
driver that is internally driven low to indicate a busy
condition while the STORE (initiated by any means)
is in progress.
SRAM READ
and WRITE operations that are in
progress when HSB is driven low by any means are
given time to complete before the STORE operation
is initiated. After HSB goes low, the STK12C68 will
continue SRAM operations for t
DELAY. During tDELAY,
multiple SRAM READ operations may take place. If a
WRITE
is in progress when HSB is pulled low it will
be allowed a time, t
DELAY, to complete. However, any
SRAM WRITE
cycles requested after HSB goes low
will be inhibited until HSB returns high.
The HSB pin can be used to synchronize multiple
STK12C68s while using a single larger capacitor. To
operate in this mode the HSB pin should be con-
nected together to the HSB pins from the other
STK12C68s. An external pull-up resistor to + 5V is
required since HSB acts as an open drain pull down.
The V
CAP pins from the other STK12C68 parts can
be tied together and share a single capacitor. The
capacitor size must be scaled by the number of
devices connected to it. When any one of the
STK12C68s detects a power loss and asserts HSB,
the common HSB pin will cause all parts to request
a STORE cycle (a STORE will take place in those
STK12C68s that have been written since the last
nonvolatile cycle).
During any STORE operation, regardless of how it
was initiated, the STK12C68 will continue to drive
the HSB pin low, releasing it only when the STORE is
complete. Upon completion of the STORE operation
the STK12C68 will remain disabled until the HSB
pin returns high.
If HSB is not used, it should be left unconnected.
PREVENTING STORES
The STORE function can be disabled on the fly by
holding HSB high with a driver capable of sourcing
30mA at a V
OH of at least 2.2V, as it will have to
overpower the internal pull-down device that drives
HSB low for 20
μs at the onset of a STORE. When
the STK12C68 is connected for AutoStore operation
(system V
CC connected to VCCX and a 68
μF capacitor
on V
CAP) and VCC crosses VSWITCH on the way down,
the STK12C68 will attempt to pull HSB low; if HSB
doesn’t actually get below V
IL, the part will stop try-
ing to pull HSB low and abort the STORE attempt.
HARDWARE PROTECT
The STK12C68 offers hardware protection against
inadvertent STORE operation and SRAM WRITEs dur-
ing low-voltage conditions. When V
CAP < VSWITCH, all
externally initiated STORE operations and SRAM
WRITE
s are inhibited.
AutoStore can be completely disabled by tying V
CCX
to ground and applying + 5V to V
CAP . This is the
AutoStore Inhibit mode; in this mode, STOREs are only
initiated by explicit request using either the software
sequence or the HSB pin.
LOW AVERAGE ACTIVE POWER
The STK12C68 draws significantly less current
when it is cycled at times longer than 50ns. Figure 5
shows the relationship between I
CC and READ cycle
time. Worst-case current consumption is shown for
both CMOS and TTL input levels (commercial tem-
perature range, V
CC = 5.5V, 100% duty cycle on chip
enable). Figure 6 shows the same relationship for
WRITE
cycles. If the chip enable duty cycle is less
than 100%, only standby current is drawn when the
chip is disabled. The overall average current drawn
by the STK12C68 depends on the following items:
1) CMOS vs. TTL input levels; 2) the duty cycle of
chip enable; 3) the overall cycle rate for accesses;
4) the ratio of READs to WRITEs; 5) the operating
temperature; 6) the Vcc level; and 7) I/O loading.


同様の部品番号 - STK12C68-SF35ITR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK12C68-SF35I ETC-STK12C68-SF35I Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results

同様の説明 - STK12C68-SF35ITR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK11C68 SIMTEK-STK11C68 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com