データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML120G2 データシート(PDF) 1 Page - Mitsubishi Electric Semiconductor

部品番号 ML120G2
部品情報  FOR OPTICAL INFORMATION SYSTEMS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML120G2 データシート(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML120G2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML120G2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML120G2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor ML120G2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor ML120G2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
( 1/ 5 )
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time,
and this does not mean the guarantee of its lifetime. As for the reliability,please refer to the reliability report from Mitsubishi
Semiconductor Quality Assurance Department.
ML1XX2 SERIES
TYPE
NAME
ML1012R, ML1412R, ML120G2
FOR OPTICAL INFORMATION SYSTEMS
DESCRIPTION
• High Power: 30mW (CW), 50mW (pulse)
• Visible Light: 685nm (typ)
FEATURES
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25
°C)
Optical disc drive (High Density / High Speed)
APPLICATION
MITSUBISHI
ELECTRIC
Note2: TARGET SPEC /Condition Duty less than 50%,pulse width less than 1
µs
Note3: RL=the load resistance of photodiode for ML1012R and ML1412R
IFD
Forward current (Photodiode)
-
10
mA
Symbol
Parameter
Conditions
Ratings
Unit
Po
Light output power
CW
35
mW
Pulse(Note 2)
50
VRL
Reverse voltage (laser diode)
-
2
V
VRD
Reverse voltage (Photodiode)
-
30
V
Tc
Case temperature
-
-10~ +60
Tstg
Storage temperature
-
-40~ +100
as of February '00
(Note 1)
ML1XX2 is a high power AlGaInP semiconductor laser
which provides a stable, single transverse mode
oscillation with emission wavelength of 685-nm and
standard CW light output of 30mW.
ML1XX2 has a window-mirror-facet which improves
the maximum output power. That leads to highly
reliable and high-power operation.
°C
°C
mA
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Ith
Threshold current
CW
-
35
mA
Iop
Operation current
CW,Po=30mW
-
80
mA
Slope efficiency
CW,Po=30mW
-
0.8
-
mW/mA
Peak wavelength
CW,Po=30mW
685
nm
Beam divergence angle
CW,Po=30mW
10
°
Beam divergence angle
CW,Po=30mW
20
°
Im
Monitoring output current
CW,Po=30mW
VRD=1V RL=10
Ω(Note 3)
0.3
ID
Dark current (Photodiode)
VRD=10V
-
0.5
uA
Ct
Capacitance (Photodiode)
VRD=5V
-
7-
pF
Vop
Operating voltage
CW,Po=30mW
2.4
3.0
V
2.0
700
60
120
670
12
7
25
16
0
0.05
1.5
θ//
(parallel)
(perpendicular)
(Photodiode)
λp
η
θ


同様の部品番号 - ML120G2

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
ML120G22 MITSUBISHI-ML120G22 Datasheet
89Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
More results

同様の説明 - ML120G2

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
ML6XX27 MITSUBISHI-ML6XX27 Datasheet
774Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML6XX25 MITSUBISHI-ML6XX25 Datasheet
87Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX24 MITSUBISHI-ML6XX24 Datasheet
209Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS?
ML1XX8 MITSUBISHI-ML1XX8 Datasheet
47Kb / 3P
   FOR OPTICAL INFORMATION SYSTEMS
ML4XX26 MITSUBISHI-ML4XX26 Datasheet
51Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX28 MITSUBISHI-ML6XX28 Datasheet
21Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML6XX16 MITSUBISHI-ML6XX16 Datasheet
34Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX6 MITSUBISHI-ML1XX6 Datasheet
38Kb / 4P
   FOR OPTICAL INFORMATION SYSTEMS
ML1XX22 MITSUBISHI-ML1XX22 Datasheet
89Kb / 2P
   FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com