データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5025BRUZ データシート(PDF) 4 Page - Analog Devices

部品番号 AD5025BRUZ
部品情報  Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5025BRUZ データシート(HTML) 4 Page - Analog Devices

  AD5025BRUZ Datasheet HTML 1Page - Analog Devices AD5025BRUZ Datasheet HTML 2Page - Analog Devices AD5025BRUZ Datasheet HTML 3Page - Analog Devices AD5025BRUZ Datasheet HTML 4Page - Analog Devices AD5025BRUZ Datasheet HTML 5Page - Analog Devices AD5025BRUZ Datasheet HTML 6Page - Analog Devices AD5025BRUZ Datasheet HTML 7Page - Analog Devices AD5025BRUZ Datasheet HTML 8Page - Analog Devices AD5025BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
1
2
3
4
5
6
AD5025/45/65
Preliminary Technical Data
Parameter
Min
B Grade1
Typ
Max
Unit
Conditions/Comments
Input Low Voltage, VINL
Input High Voltage, VINH
Pin Capacitance
2
0.8
4
V
V
pF
VDD = 5 V
VDD = 5 V
LOGIC OUTPUTS (SDO)3
Output Low Voltage, VOL
Output High Voltage, VOH
High Impedance Leakage
Current
High Impedance Output
Capacitance
VDD
1
0.4
±0.25
2
V
μA
pF
ISINK = 2 mA
ISOURCE = 2 mA
POWER REQUIREMENTS
VDD
IDD (Normal Mode)5
VDD = 4.5 V to 5.5 V
IDD (All Power-Down Modes)6
VDD = 4.5 V to 5.5 V
2.7
5.5
3.2
4
0.4
1
V
mA
μA
All digital inputs at 0 or VDD
DAC active, excludes load current
VIH = VDD and VIL = GND
VIH = VDD and VIL = GND
1 Temperature range is −40°C to +105°C, typical at 25°C.
Linearity calculated using a reduced code range of 512 to 65,024. Output unloaded.
Guaranteed by design and characterization; not production tested.
Total current flowing into all pins.
. Interface inactive. All DACs active. DAC outputs unloaded
. All four DACs powered down
Rev. PrB | Page 4 of 3
3


同様の部品番号 - AD5025BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5025BRUZ AD-AD5025BRUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025BRUZ AD-AD5025BRUZ Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
AD5025BRUZ-REEL7 AD-AD5025BRUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025BRUZ-REEL7 AD-AD5025BRUZ-REEL7 Datasheet
1Mb / 25P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface
More results

同様の説明 - AD5025BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5066 AD-AD5066 Datasheet
445Kb / 20P
   Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com