データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZY7015LT3 データシート(PDF) 7 Page - Power-One

部品番号 ZY7015LT3
部品情報  3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7015LT3 データシート(HTML) 7 Page - Power-One

Back Button ZY7015LT3 Datasheet HTML 3Page - Power-One ZY7015LT3 Datasheet HTML 4Page - Power-One ZY7015LT3 Datasheet HTML 5Page - Power-One ZY7015LT3 Datasheet HTML 6Page - Power-One ZY7015LT3 Datasheet HTML 7Page - Power-One ZY7015LT3 Datasheet HTML 8Page - Power-One ZY7015LT3 Datasheet HTML 9Page - Power-One ZY7015LT3 Datasheet HTML 10Page - Power-One ZY7015LT3 Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ZY7015 15A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
4.5
Signal Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
VDD
Internal supply voltage
3.15
3.3
3.45
V
SYNC/DATA Line (SD pin)
ViL_sd
LOW level input voltage
-0.5
0.3 x VDD
V
ViH_sd
HIGH level input voltage
0.75 x
VDD
VDD + 0.5
V
Vhyst_sd
Hysteresis of input Schmitt trigger
0.25 x
VDD
0.45 x
VDD
V
VoL
LOW level sink current @ 0.5V
14
60
mA
Tr_sd
Maximum allowed rise time 10/90%VDD
300
ns
Cnode_sd
Added node capacitance
5
10
pF
Ipu_sd
Pull-up current source at Vsd=0V
0.3
1.0
mA
Freq_sd
Clock frequency of external SD line
475
525
kHz
Tsynq
Sync pulse duration
22
28
% of clock
cycle
T0
Data=0 pulse duration
72
78
% of clock
cycle
Inputs: ADDR0…ADDR4, EN, IM
ViL_x
LOW level input voltage
-0.5
0.3 x VDD
V
ViH_x
HIGH level input voltage
0.7 x VDD
VDD+0.5
V
Vhyst_x
Hysteresis of input Schmitt trigger
0.1 x VDD
0.3 x VDD
V
RdnL_ADDR
External pull down resistance
ADDRX forced low
10
kOhm
Power Good and OK Inputs/Outputs
Iup_PG
Pull-up current source input forced low PG
25
110
µA
Iup_OK
Pull-up current source input forced low OK
175
725
µA
ViL_x
LOW level input voltage
-0.5
0.3 x VDD
V
ViH_x
HIGH level input voltage
0.7 x VDD
VDD+0.5
V
Vhyst_x
Hysteresis of input Schmitt trigger
0.1 x VDD
0.3 x VDD
V
IoL
LOW level sink current at 0.5V
4
20
mA
Current Share Bus (CS pin)
Iup_CS
Pull-up current source at VCS = 0V
0.84
3.1
mA
ViL_CS
LOW level input voltage
-0.5
0.3 x VDD
V
ViH_CS
HIGH level input voltage
0.75 x
VDD
VDD+0.5
V
Vhyst_CS
Hysteresis of input Schmitt trigger
0.25 x
VDD
0.45 x
VDD
V
IoL
LOW level sink current at 0.5V
14
60
mA
Tr_CS
Maximum allowed rise time 10/90% VDD
100
ns
ZD-00283 REV. 2.2
www.power-one.com
Page 7 of 34


同様の部品番号 - ZY7015LT3

メーカー部品番号データシート部品情報
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

同様の説明 - ZY7015LT3

メーカー部品番号データシート部品情報
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
logo
Maxim Integrated Produc...
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
   3V to 5.5V Single-Supply Operation
2007
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com