データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1303B-DA1EUNTR データシート(PDF) 11 Page - Microchip Technology

部品番号 TC1303B-DA1EUNTR
部品情報  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-DA1EUNTR データシート(HTML) 11 Page - Microchip Technology

Back Button TC1303B-DA1EUNTR Datasheet HTML 7Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 8Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 9Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 10Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 11Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 12Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 13Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 14Page - Microchip Technology TC1303B-DA1EUNTR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 11
TC1303B
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN =4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-19:
VOUT1 and VOUT2 Heavy
Load Switching Waveforms vs. Time.
FIGURE 2-20:
VOUT1 and VOUT2 Light
Load Switching Waveforms vs. Time.
FIGURE 2-21:
VOUT2 Output Voltage vs.
Input Voltage (VOUT2 = 1.5V).
FIGURE 2-22:
VOUT2 Output Voltage vs.
Input Voltage (VOUT2 = 1.8V).
FIGURE 2-23:
VOUT2 Output Voltage vs.
Input Voltage (VOUT2 = 2.5V).
FIGURE 2-24:
VOUT2 Output Voltage vs.
Input Voltage (VOUT2 = 3.3V).
1.482
1.484
1.486
1.488
1.49
1.492
2.73.053.4
3.75
4.14.454.8
5.15
5.5
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 85°C
IOUT2 = 150 mA
SHDN1 = AGND
SHDN2 = VIN2
1.792
1.794
1.796
1.798
1.800
1.802
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 85°C
IOUT2 = 150 mA
SHDN1 = AGND
SHDN2 = VIN2
2.496
2.498
2.500
2.502
2.504
2.506
2.508
3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 85°C
IOUT2 = 150 mA
SHDN1 = AGND
SHDN2 = VIN2
3.292
3.293
3.294
3.295
3.296
3.297
3.298
3.60
3.92
4.23
4.55
4.87
5.18
5.50
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 85°C
IOUT2 = 150 mA
SHDN1 = AGND
SHDN2 = VIN2


同様の部品番号 - TC1303B-DA1EUNTR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1303B-DG0EMF MICROCHIP-TC1303B-DG0EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-DG0EMFTR MICROCHIP-TC1303B-DG0EMFTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-DG0EUN MICROCHIP-TC1303B-DG0EUN Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-DG0EUNTR MICROCHIP-TC1303B-DG0EUNTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-DG1EMF MICROCHIP-TC1303B-DG1EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
More results

同様の説明 - TC1303B-DA1EUNTR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com