データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1313-AA2EMF データシート(PDF) 9 Page - Microchip Technology

部品番号 TC1313-AA2EMF
部品情報  500 mA Synchronous Buck Regulator, 300 mA LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1313-AA2EMF データシート(HTML) 9 Page - Microchip Technology

Back Button TC1313-AA2EMF Datasheet HTML 5Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 6Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 7Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 8Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 9Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 10Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 11Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 12Page - Microchip Technology TC1313-AA2EMF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21974A-page 9
TC1313
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed-
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-13:
VOUT1 Switching Frequency
vs. Input Voltage.
FIGURE 2-14:
VOUT1 Switching Frequency
vs. Ambient Temperature.
FIGURE 2-15:
VOUT1 Adjustable Feedback
Voltage vs. Ambient Temperature.
FIGURE 2-16:
VOUT1 Switch Resistance
vs. Input Voltage.
FIGURE 2-17:
VOUT1 Switch Resistance
vs. Ambient Temperature.
FIGURE 2-18:
VOUT1 Dropout Voltage vs.
Ambient Temperature.
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
SHDN1 = VIN2
SHDN2 = AGND
1.90
1.92
1.94
1.96
1.98
2.00
Ambient Temperature (°C)
SHDN1 = VIN2
SHDN2 = AGND
0.790
0.795
0.800
0.805
0.810
0.815
0.820
Ambient Temperature (°C)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
0.40
0.45
0.50
0.55
0.60
0.65
3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
Input Voltage (V)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
N-Channel
P-Channel
0.40
0.45
0.50
0.55
0.60
0.65
0.70
-40 -25 -10
5
20
35
50
65
80
95 110 125
Ambient Temperature (°C)
VIN1 = 3.6V
N-Channel
P-Channel
SHDN1 = VIN2
SHDN2 = AGND
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Ambient Temperature (°C)
SHDN1 = VIN2
SHDN2 = AGND
VOUT1 = 3.3V
IOUT1 = 500 mA


同様の部品番号 - TC1313-AA2EMF

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1313-1G0EMF MICROCHIP-TC1313-1G0EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EMFTR MICROCHIP-TC1313-1G0EMFTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUN MICROCHIP-TC1313-1G0EUN Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G0EUNTR MICROCHIP-TC1313-1G0EUNTR Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313-1G1EMF MICROCHIP-TC1313-1G1EMF Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
More results

同様の説明 - TC1313-AA2EMF

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com