データシートサーチシステム |
|
TC1303B-FC1EMF データシート(PDF) 11 Page - Microchip Technology |
|
TC1303B-FC1EMF データシート(HTML) 11 Page - Microchip Technology |
11 / 30 page © 2005 Microchip Technology Inc. DS21949A-page 11 TC1303B Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN =4.7 µF, COUT2 =1 µF, L =4.7 µH, VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed output voltage options can be used to generate the Typical Performance Characteristics. FIGURE 2-19: VOUT1 and VOUT2 Heavy Load Switching Waveforms vs. Time. FIGURE 2-20: VOUT1 and VOUT2 Light Load Switching Waveforms vs. Time. FIGURE 2-21: VOUT2 Output Voltage vs. Input Voltage (VOUT2 = 1.5V). FIGURE 2-22: VOUT2 Output Voltage vs. Input Voltage (VOUT2 = 1.8V). FIGURE 2-23: VOUT2 Output Voltage vs. Input Voltage (VOUT2 = 2.5V). FIGURE 2-24: VOUT2 Output Voltage vs. Input Voltage (VOUT2 = 3.3V). 1.482 1.484 1.486 1.488 1.49 1.492 2.73.053.4 3.75 4.14.454.8 5.15 5.5 Input Voltage (V) TA = - 40°C TA = + 25°C TA = + 85°C IOUT2 = 150 mA SHDN1 = AGND SHDN2 = VIN2 1.792 1.794 1.796 1.798 1.800 1.802 2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5 Input Voltage (V) TA = - 40°C TA = + 25°C TA = + 85°C IOUT2 = 150 mA SHDN1 = AGND SHDN2 = VIN2 2.496 2.498 2.500 2.502 2.504 2.506 2.508 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 Input Voltage (V) TA = - 40°C TA = + 25°C TA = + 85°C IOUT2 = 150 mA SHDN1 = AGND SHDN2 = VIN2 3.292 3.293 3.294 3.295 3.296 3.297 3.298 3.60 3.92 4.23 4.55 4.87 5.18 5.50 Input Voltage (V) TA = - 40°C TA = + 25°C TA = + 85°C IOUT2 = 150 mA SHDN1 = AGND SHDN2 = VIN2 |
同様の部品番号 - TC1303B-FC1EMF |
|
同様の説明 - TC1303B-FC1EMF |