データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF400ACH データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LF400ACH
部品情報  Fast-Settling JFET-Input Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400ACH データシート(HTML) 4 Page - National Semiconductor (TI)

  LF400ACH Datasheet HTML 1Page - National Semiconductor (TI) LF400ACH Datasheet HTML 2Page - National Semiconductor (TI) LF400ACH Datasheet HTML 3Page - National Semiconductor (TI) LF400ACH Datasheet HTML 4Page - National Semiconductor (TI) LF400ACH Datasheet HTML 5Page - National Semiconductor (TI) LF400ACH Datasheet HTML 6Page - National Semiconductor (TI) LF400ACH Datasheet HTML 7Page - National Semiconductor (TI) LF400ACH Datasheet HTML 8Page - National Semiconductor (TI) LF400ACH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC Electrical Characteristics (LF400AMH LF400MH)
The following specifications apply for V
a ea15V Vb eb15V and T
J
e 25 C unless otherwise specified
Tested Limits in Boldface apply for TJ eb55 Cto a125 C
LF400AMH
LF400MH
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Units
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7) (Note 8)
(Note 7) (Note 8)
ts
Settling Time to 001%
See
Figure 1
365
365
ns
to 010%
See
Figure 1
200
200
ns
GBW
Minimum Gain
AV ea1 CL e 10 pF
16
14
16
14
MHz
Bandwidth Product
10
10
MHz
SR
Minimum Slew Rate
AV ea1 CL e 10 pF
30
27
30
27
V
ms
AV eb1 CL e 10 pF
60
60
V
ms
w
Phase Margin
AV ea1 CL e 10 pF
60
60
Degrees
en
Input Noise Voltage
f e 1 kHz RS e 100X
23
23
nV
0Hz
Broadband RS e 100X
23
23
mV rms
10 Hz to 10 kHz
in
Input Noise Current
f e 1 kHz
001
001
pA
0Hz
Broadband
10
10
pA rms
10 Hz to 10 kHz
THD
Total Harmonic Distortion f e 1 kHz AV eb1
0002
0002
%
RL e 10k
CIN
Input Capacitance
7
7
pF
DC Electrical Characteristics (LF400AMH LF400MH)
The following specifications apply for V
a ea15V Vb eb15V and T
J
e 25 C unless otherwise specified
Tested Limits in Boldface apply for TJ eb55 Cto a125 C
LF400AMH
LF400MH
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Unit
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7) (Note 8)
(Note 7) (Note 8)
VOS
Maximum Input
VCM e 0V
TJ e 25 C
g05
g30
mV
Offset Voltage
RS e 0
g20
g50
mV
RL e %
IOS
Maximum Input
VCM e 0V (Note 5)
g50
g100
g50
g100
pA
Offset Current
g15
g25
nA
IB
Maximum Input
VCM e 0V (Note 5)
100
200
100
200
pA
Bias Current
35
50
nA
RIN
Input Resistance
1011
1011
X
VCM
Input Common-Mode
b12 to
g11
b12 to
g11
V
Voltage Range
a14
a14
AVOL
Minimum Large Using Pin 6 VO e g10V RL e 2kX
300
100
300
50
VmV
Signal Voltage
Using Pin 8 VO e g10V RL e 600X
280
100
280
50
VmV
Gain
4


同様の部品番号 - LF400ACH

メーカー部品番号データシート部品情報
logo
Tyco Electronics
LF400 MACOM-LF400 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
More results

同様の説明 - LF400ACH

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com