データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF400MH データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LF400MH
部品情報  Fast-Settling JFET-Input Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400MH データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LF400MH Datasheet HTML 4Page - National Semiconductor (TI) LF400MH Datasheet HTML 5Page - National Semiconductor (TI) LF400MH Datasheet HTML 6Page - National Semiconductor (TI) LF400MH Datasheet HTML 7Page - National Semiconductor (TI) LF400MH Datasheet HTML 8Page - National Semiconductor (TI) LF400MH Datasheet HTML 9Page - National Semiconductor (TI) LF400MH Datasheet HTML 10Page - National Semiconductor (TI) LF400MH Datasheet HTML 11Page - National Semiconductor (TI) LF400MH Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Application Hints (Continued)
TLH9414 – 21
FIGURE 1 Simplified Settling Time Test Circuit (see Text)
CL
s 49 pF
tling time testing must be able to drive 50
X with a very clean
g5V square wave For more information on measuring set-
tling time see Application Note AN-428
Output Compensation
When operating at very low temperatures a compensation
network should be added to the LF400’s output The 100
X
22 pF network shown on the first page of this data sheet
should be used when the junction temperature might reach
25 C (roughly 0 C ambient when the LF400 is ‘‘warmed
up’’) In applications where the device will be operating with
a junction temperature near 0 C the output RLC network in
Figure 1 should be used This network will provide a small
(about 20 ns) improvement in settling time at higher temper-
atures as well
Supply Bypassing
Power supply bypassing is extremely important for good
high-speed performance Ideally multiple bypass capacitors
as in
Figure 2 should be used A 10
mF tantalum a 22 mF
ceramic and a 047
mF ceramic work well All bypass ca-
pacitor leads should be very short For best results the
ground leads of the capacitors should be separated to re-
duce the inductance to ground A ground plane layout ap-
proach will give the best results For simplicity bypass ca-
pacitors have been omitted from some of the schematics in
this data sheet but they should always be used
TLH9414 – 22
FIGURE 2 Power Supply Bypassing (see Text)
Output Drive and Current Limit
The LF400 can drive heavier resistive loads than most oper-
ational amplifiers The output at pin 6 is internally current-
limited when the voltage drop across the 25
X output resis-
tor reaches about 055V (IOUT e 22 mA) When more out-
put current is needed pin 8 provides a means of increasing
the maximum output current up to about 100 mA A resistor
may be connected from pin 8 to pin 6 paralleling the inter-
nal sense resistor and increasing the current limit threshold
(
Figure 3 ) Pins 6 and 8 may be shorted together to com-
pletely bypass the current limiting circuit To avoid damaging
the LF400 observe the power dissipation limitations men-
tioned in the Absolute Maximum Ratings and in Note 4
The effective load impedance (including feedback resist-
ance) should be kept above 500
X for fastest settling Load
capacitance should also be minimized if good settling time
is to be optimized Large feedback resistors will make the
circuit more susceptible to stray capacitance so in high-
speed applications keep the feedback resistors in the 1 k
X
to2k
X range wherever practical Avoid the use of inductive
feedback resistors (some wirewounds for example) as these
will degrade settling time
ILimit
055V
Rx 25X
TLH9414 – 23
FIGURE 3 Increasing the current limit using pin 8
Current limit is now determined by RX in parallel with
the internal 25
X sense resistor
Vos Adjustment
Offset voltage can be nulled using a 27k resistor and a 10k
potentiometer connected to pins 1 and 5 as shown in
Figure
4a Bypassing the Vos adjust pins with 01 mF capacitors will
help to avoid noise pickup When not used for offset adjust-
ment pins 1 and 5 can often be left open but to minimize
the possibility of noise pickup the unused Vos trim pins
should be connected to ground or V
b
10


同様の部品番号 - LF400MH

メーカー部品番号データシート部品情報
logo
Tyco Electronics
LF400 MACOM-LF400 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
More results

同様の説明 - LF400MH

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
   400MHz, Fast Settling Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com