データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T56C64MY6E データシート(PDF) 6 Page - STMicroelectronics

部品番号 M41T56C64MY6E
部品情報  Serial Real Time Clock with 56 bytes of NVRAM64 Kbit (8192 bit x 8) EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56C64MY6E データシート(HTML) 6 Page - STMicroelectronics

Back Button M41T56C64MY6E Datasheet HTML 2Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 3Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 4Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 5Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 6Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 7Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 8Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 9Page - STMicroelectronics M41T56C64MY6E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Pin settings
M41T56C64
6/19
2
Pin settings
2.1
Pin description
2.2
Pin connections
Figure 2.
18-pin SOIC connection
1.
No connect (NC) pins should be tied to VSS
2.
No function (NF) pins should be tied to VSS. Pins 2 and 3, and pins 16 and 17 are internally shorted
together.
3.
Open drain output
Table 1. Signal names
FT/OUT (1)
1.
Open drain output
Frequency test / output driver (open drain)
SDA
Serial data address input / output
SCL
Serial clock
WC
Write control
E0, E1, E2
Chip enables
VBAT
Battery supply voltage
VCC
Supply voltage
VSS
Ground
NC (2)
2.
No connect (NC) pins should be tied to VSS.
No connect
NF (3)
3.
No function (NF) pins should be tied to VSS. Pins 2 and 3, and pins 16 and 17 are internally shorted
together.
No function
AI09124
8
2
3
4
5
6
7
9
12
11
10
18
17
16
15
14
13
1
WC
E1
NF
(2)
NF
(2)
NC
(1)
NF
(2)
NF
(2)
NC
(1)
VSS
VBAT
VCC
E0
NC
(1)
E2
SDA
SCL
NC
(1)
FT/OUT
(3)
M41T56
+
M24C64
(EEPROM)


同様の部品番号 - M41T56C64MY6E

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
   512 bit 64b x8 Serial Access TIMEKEEPER SRAM
M41T56 STMICROELECTRONICS-M41T56 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T56M6E STMICROELECTRONICS-M41T56M6E Datasheet
254Kb / 28P
   512 bit 64b x8 Serial Access TIMEKEEPER SRAM
M41T56M6E STMICROELECTRONICS-M41T56M6E Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T56M6F STMICROELECTRONICS-M41T56M6F Datasheet
254Kb / 28P
   512 bit 64b x8 Serial Access TIMEKEEPER SRAM
More results

同様の説明 - M41T56C64MY6E

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T11 STMICROELECTRONICS-M41T11_08 Datasheet
254Kb / 29P
   Serial real-time clock with 56 bytes of NVRAM
M41T11 STMICROELECTRONICS-M41T11 Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_07 Datasheet
222Kb / 25P
   Serial real-time clock with 56 bytes NVRAM
M41T11 STMICROELECTRONICS-M41T11_11 Datasheet
231Kb / 30P
   Serial real-time clock (RTC) with 56 bytes of NVRAM
M41T56 STMICROELECTRONICS-M41T56_11 Datasheet
483Kb / 27P
   Serial real-time clock (RTC) with 56 bytes NVRAM
M41T00SC64 STMICROELECTRONICS-M41T00SC64 Datasheet
156Kb / 19P
   Real-Time Clock 64Kbit (8192 x 8) EEPROM
M41T94 STMICROELECTRONICS-M41T94_09 Datasheet
358Kb / 41P
   Serial real-time clock with 44 bytes NVRAM and reset
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com