データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9962HL データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA9962HL
部品情報  12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9962HL データシート(HTML) 5 Page - NXP Semiconductors

  TDA9962HL Datasheet HTML 1Page - NXP Semiconductors TDA9962HL Datasheet HTML 2Page - NXP Semiconductors TDA9962HL Datasheet HTML 3Page - NXP Semiconductors TDA9962HL Datasheet HTML 4Page - NXP Semiconductors TDA9962HL Datasheet HTML 5Page - NXP Semiconductors TDA9962HL Datasheet HTML 6Page - NXP Semiconductors TDA9962HL Datasheet HTML 7Page - NXP Semiconductors TDA9962HL Datasheet HTML 8Page - NXP Semiconductors TDA9962HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2000 May 01
5
Philips Semiconductors
Objective specification
12-bit, 3.0 V, 20 Msps analog-to-digital
interface for CCD cameras
TDA9962
PINNING
SYMBOL
PIN
DESCRIPTION
VCCA1
1
analog supply voltage 1
AGND1
2
analog ground 1
AGND2
3
analog ground 2
IN
4
input signal from CCD
AGND3
5
analog ground 3
AGND4
6
analog ground 4
VCCA2
7
analog supply voltage 2
CPCDS1
8
clamp storage capacitor pin 1
CPCDS2
9
clamp storage capacitor pin 2
DCLPC
10
regulator decoupling pin
OFDOUT
11
analog output of the additional 8-bit control DAC
TEST
12
test mode input pin (should be connected to AGND5)
AGND5
13
analog ground 5
VCCA3
14
analog supply voltage 3
OPGA
15
PGA output (test pin)
OPGAC
16
PGA complementary output (test pin)
SDATA
17
serial data input for serial interface control
SCLK
18
serial clock input for serial interface
SEN
19
strobe pin for serial interface
VSYNC
20
vertical sync pulse input
VCCD1
21
digital supply voltage 1
DGND1
22
digital ground 1
VCCO1
23
digital outputs supply voltage 1
OGND1
24
digital output ground 1
D0
25
ADC digital output 0 (LSB)
D1
26
ADC digital output 1
D2
27
ADC digital output 2
D3
28
ADC digital output 3
D4
29
ADC digital output 4
D5
30
ADC digital output 5
D6
31
ADC digital output 6
D7
32
ADC digital output 7
D8
33
ADC digital output 8
D9
34
ADC digital output 9
D10
35
ADC digital output 10
D11
36
ADC digital output 11 (MSB)
OGND2
37
digital output ground 2
VCCO2
38
digital outputs supply voltage 2
OE
39
output enable control input (LOW = outputs active; HIGH = outputs in high-impedance)
AGND6
40
analog ground 6


同様の部品番号 - TDA9962HL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9964HL PHILIPS-TDA9964HL Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965AHL PHILIPS-TDA9965AHL Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

同様の説明 - TDA9962HL

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com