データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1001-7R データシート(PDF) 4 Page - Power-One

部品番号 LM1001-7R
部品情報  50-Watt AC-DC Cassette Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

LM1001-7R データシート(HTML) 4 Page - Power-One

  LM1001-7R_06 Datasheet HTML 1Page - Power-One LM1001-7R_06 Datasheet HTML 2Page - Power-One LM1001-7R_06 Datasheet HTML 3Page - Power-One LM1001-7R_06 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M Series Data Sheet
50-Watt AC-DC Cassette Converters
JUN 20, 2006 revised to JUL 21, 2006
Page 4 of 4
www.power-one.com
Mechanical Data
111.2 (3U)
88
(11.6)
100
Male connector H11 according to DIN 41 612
(Gold plated contacts on customer's request)
38.7
95
Measuring point for
case temperatureTC
M 3; depth = 4 mm
(chassis mount)
22
Mounting plane of
connector H11
7.09
17.25
34
Mounting holes for retaining clips (HZZ01209)
12.17
103
94.5
0
IoL (LED red)
Test sockets (option A)
Potentiometer(s) (option P)
OK (LED green)
Inhibit i (LED red)
Front plate
Main
face
Rear
face
Back plate
22.30
09012
Potentiometer (option D or V)
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components
in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective
divisional president of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
Dimensions in mm. The power supplies are designed to be inserted into a 19” rack, 160 mm long, according to IEC 60297-3.
European
Projection
Accessories
Front panels 19” (Schroff/Intermas)
Mating H11 connectors with screw, solder, fast-on or press-fit terminals
Connector retention facilities and code key system for connector coding
Flexible PCB for connecting the converter via an H11 connector, if mounted on a PCB
Chassis or wall mounting plates for frontal access
Universal mounting brackets for chassis or DIN-rail mounting


同様の部品番号 - LM1001-7R_06

メーカー部品番号データシート部品情報
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
More results

同様の説明 - LM1001-7R_06

メーカー部品番号データシート部品情報
logo
Power-One
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LOK4001-2RLD POWER-ONE-LOK4001-2RLD Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com