データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1001-7R データシート(PDF) 2 Page - Power-One

部品番号 LM1001-7R
部品情報  50-Watt AC-DC Cassette Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

LM1001-7R データシート(HTML) 2 Page - Power-One

  LM1001-7R_06 Datasheet HTML 1Page - Power-One LM1001-7R_06 Datasheet HTML 2Page - Power-One LM1001-7R_06 Datasheet HTML 3Page - Power-One LM1001-7R_06 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M Series Data Sheet
50-Watt AC-DC Cassette Converters
JUN 20, 2006 revised to JUL 21, 2006
Page 2 of 4
www.power-one.com
Input
Nom. voltage and frequency
continuous range
100 - 240 VAC, 50 - 60, 440 Hz
Operating voltage and frequency
continuous range
85 - 264 VAC, 47 - 440 Hz
Inrush current limitation
by thermistor
Output
Efficiency
Vi nom, Io nom
up to 81%
Output voltage setting accuracy
Vi nom, Io nom
better than ±1% Vo nom
Output voltage switching noise
IEC/EN 61204, total
typ. 50 mVpp
Line regulation
Vi min - Vi max, Io nom, each output regulated
typ. ±0.2% Vo nom
Load regulation
Vi nom, 0 - Io nom, each output regulated
typ. 0.15% Vo nom
Minimum load
not required
0 A
Current limitation main output
rectangular V/I characteristic
typ. 110% Io nom
Current limitation aux. output(s)
rectangular V/I characteristic
typ. 120% Io nom
Operation in parallel
by current limitation, only main outputs
Hold-up time
Vi = 230 V AC, Io nom
typ. 90 ms
Protection
Input fuse
built-in
T 2.5 A, 250 V AC
Input undervoltage lockout
typ. 80% Vi min
Input overvoltage lockout
typ. 110% Vi max
Input transient protection
varistor or suppressor diode
Output
no-load, overload, and short-circuit proof
Output overvoltage
suppressor diode in each output
typ. 150% Vo nom
Overtemperature protection
switch-off with auto restart
TC typ. 100 °C
Control
Output voltage adjustment
single output types
0 - 110% Vo1 nom
Inhibit
TTL input, output(s) disabled if open circuit
Status indication
3 LEDs: OK, inhibit, overload
Safety
Approvals
EN 60950, UL 1950, CSAC22.2 No. 950
Class I equipment
Protection degree
units without options
IP 40
Electric strength test voltage
Input against (case + outputs)
2 kV AC


同様の部品番号 - LM1001-7R_06

メーカー部品番号データシート部品情報
logo
Power-One
LM1001-7R POWER-ONE-LM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
More results

同様の説明 - LM1001-7R_06

メーカー部品番号データシート部品情報
logo
Power-One
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LOK4001-2RLD POWER-ONE-LOK4001-2RLD Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com