データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3020-7 データシート(PDF) 1 Page - Power-One

部品番号 LM3020-7
部品情報  50-Watt AC-DC Cassette Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

LM3020-7 データシート(HTML) 1 Page - Power-One

  LM3020-7 Datasheet HTML 1Page - Power-One LM3020-7 Datasheet HTML 2Page - Power-One LM3020-7 Datasheet HTML 3Page - Power-One LM3020-7 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JUN 20, 2006 revised to JUL 21, 2006
Page 1 of 4
www.power-one.com
M Series Data Sheet
50-Watt AC-DC Cassette Converters
• RoHS lead-solder-exempt compliant1
• Rugged electrical and mechanical design
• Outputs individually controlled with excellent dynamic
properties
• Operating ambient temperature range of –40 to 71 °C
with convection cooling
Features
The M Series of AC-DC cassettes represents a broad and flexible range of power supplies for use in advanced industrial electronic
systems. Features include high efficiency, reliability, low output voltage noise, and excellent dynamic response to load/line changes
due to individual regulation of each output.
Description
Output 1
Output 2
Output 3
Nom. Input
Model
Options
Vo nom
Io nom
Vo nom
Io nom
Vo nom
Io nom
Voltage
[VDC]
[A]
[VDC]
[A]
[VDC]
[A]
Vi [VAC]
5.1
8
-
-
-
-
100 - 240
LM1001-7R
-9, E, P, D, V, A, F
12
4
-
-
-
-
100 - 240
LM1301-7R
-9, E, P, D, A, F
15
3.4
-
-
-
-
100 - 240
LM1501-7R
-9, E, P, D, A, F
24
2
-
-
-
-
100 - 240
LM1601-7R
-9, E, P, D, A, F
48
1
-
-
-
-
100 - 240
LM1901-7R
-9, E, P, D, A, F
12
2
12
2
-
-
100 - 240
LM2320-7
-9, E, P, D, A, F
15
1.7
15
1.7
-
-
100 - 240
LM2540-7
-9, E, P, D, A, F
5.1
5
12
0.7
12
0.7
100 - 240
LM3020-7
-9, E, P, D, V, A, F
5.1
5
15
0.6
15
0.6
100 - 240
LM3040-7
-9, E, P, D, V, A, F
Model Selection
1 The solder exemption refers to all the restricted materials except lead in solder.


同様の部品番号 - LM3020-7

メーカー部品番号データシート部品情報
logo
Power-One
LM3020-7 POWER-ONE-LM3020-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
LM3020-7 POWER-ONE-LM3020-7 Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
More results

同様の説明 - LM3020-7

メーカー部品番号データシート部品情報
logo
Power-One
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
LM1001-7R POWER-ONE-LM1001-7R Datasheet
66Kb / 4P
   50 Watt AC-DC Converters
LOK4001-2RLD POWER-ONE-LOK4001-2RLD Datasheet
52Kb / 4P
   15, 30 and 50 Watt AC-DC Converters
AM1001-7R POWER-ONE-AM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
12H1001-2R POWER-ONE-12H1001-2R Datasheet
141Kb / 4P
   50 Watt DC-DC Converters
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
logo
Wall Industries,Inc.
DHW50 WALL-DHW50 Datasheet
1Mb / 13P
   50 Watt DC/DC Power Converters
logo
Power-One
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com