データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ79076EG データシート(PDF) 7 Page - Freescale Semiconductor, Inc

部品番号 MCZ79076EG
部品情報  Electronic Ignition Control Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ79076EG データシート(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ79076EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ79076EG Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
79076
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Ref/Dwell Threshold (Max Pump) (14)
(VCC = 16 V, Advance = 3.0 V, EST = Bypass = 0 V, Dwell sinking
10 mA, Dwell Control = open)
Increasing
Decreasing
Hysteresis
VTH+(R/D)MP
VTH-(R/D)MP
VHYS(R/D)MP
VB + 0.175
VB + 0.115
VB + 0.025
VB + 0.474
VB + 0.425
VB + 0.048
VB + 0.80
VB + 0.735
-
V
OUTPUTS
Bias Resistance to Ground
Dwell = VCC = Ref/Dwell = Reference = Dwell Control = open,
Advance = 1.0 V, EST = Bypass = 0 V
R(B)
0.55
0.68
0.9
k
Bias Voltage (Bypass Mode)
Ref/Dwell = Advance = 1.0 V, EST = Bypass = 0 V
V(B)BP
2.25
2.43
2.6
V
Bias Voltage Regulation (Bypass Mode)
Ref/Dwell = Advance = 1.0 V, EST = Bypass = 0 V
V(B)BP
-
30
40
mV
Bias Voltage (EST Mode)
VCC = 16 V, Ref/Dwell = Advance = 1.0 V, EST = 0 V, Bypass =
3.0 V
V(B)EST
1.9
2.04
2.2
V
Dwell Saturation Voltage
VCC = 4.0 V, ID = 40 mA, Ref/Dwell = Advance =3.0 V,
EST = Bypass = 0 V
VCC = 16 V, ID = 160 mA, Ref/Dwell = Advance =3.0 V,
EST = Bypass = 0 V
VCC = 24 V, ID = 240 mA, Ref/Dwell = Advance =1.0 V,
EST = Bypass = 3.0 V
VCC = 36 V, ID = 360 mA, Ref/Dwell = Advance =1.0 V,
EST = Bypass = 3.0 V
V(D)SAT
-
-
-
-
0.05
0.14
0.20
0.29
0.1
0.24
0.35
0.5
V
Dwell Reverse Clamp Voltage (15)
V(D)REV
-0.9
-0.98
-1.2
V
Dwell Leakage Current (16)
VCC = 16 V, Dwell = 5.0 V, Ref/Dwell = Advance = 3.0 V, EST =
Bypass = 0, Bias Voltage = Reference = open
I(D)KG
-
0.044
50
µA
Reference Low (17)
IR = sinking 0.3 mA, Ref/Dwell = Advance = 1.0 V, EST = Bypass =
0 V
V(R)LOW
-
0.13
0.22
V
Notes
14.
Ref/Dwell Threshold Voltage (Max Pump) is the positive (or negative) going voltage on Ref/Dwell necessary cause the Dwell voltage to
positive (or negative) going transition 1.5 V respectively. It is expressed as VTH±(RD) = VB + VX where VB is the Bias Voltage and VX is
the additional voltage necessary to attain the threshold. Advance = 3.0 V providing maximum input assist or Max Pump" influence of
Dwell signal; Reference = Dwell Control = open.
15.
All pins open except Pwr Gnd with Dwell sinking 200 mA.
16.
Limit conditions with Dwell output NPN in the OFF condition.
17.
Reference saturation voltage to ground with 0.3mA of current going into the Reference.
Table 2. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
CC ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MCZ79076EG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MCZ79076EG/R2 NXP-MCZ79076EG/R2 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
More results

同様の説明 - MCZ79076EG

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
   ELECTRONIC IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com