データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6825T データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TEA6825T
部品情報  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6825T データシート(HTML) 11 Page - NXP Semiconductors

Back Button TEA6825T Datasheet HTML 7Page - NXP Semiconductors TEA6825T Datasheet HTML 8Page - NXP Semiconductors TEA6825T Datasheet HTML 9Page - NXP Semiconductors TEA6825T Datasheet HTML 10Page - NXP Semiconductors TEA6825T Datasheet HTML 11Page - NXP Semiconductors TEA6825T Datasheet HTML 12Page - NXP Semiconductors TEA6825T Datasheet HTML 13Page - NXP Semiconductors TEA6825T Datasheet HTML 14Page - NXP Semiconductors TEA6825T Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
1998 Mar 24
11
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
ATTACK AND DECAY TIME FOR MUTE VOLTAGE
Ich
charge current
pin 3 connected to GND
3.5
−µA
pin 3 connected to pin 5
150
−µA
Idch
discharge current
pin 3 connected to GND
−−4.0
−µA
pin 3 connected to pin 5
−−170
−µA
∆f
muting activated by 60 kHz FM
interference
V49 <3V; V37-35 = 3 mV;
fmod = 60 kHz
pin 3 connected to GND;
V43/V47 =9dB
40
kHz
pin 3 connected to pin 5;
V43/V47 =6dB
40
kHz
V43/V47
maximum mute depth by 60 kHz
FM interference
pin 3 connected to GND
15
dB
pin 3 connected to pin 5
10
dB
TIME CONSTANT FOR MONO/STEREO BLEND VOLTAGE; note 4
Ich
charge current
V37-35 =3mV;
pin 3 connected to GND
0.6
−µA
V37-35 =3mV;
pin 3 connected to pin 5
23
−µA
Idch
discharge current
V37-35 =3mV;
pin 3 connected to GND
−−17
−µA
V37-35 =3mV;
pin 3 connected to pin 5
−−750
−µA
m
mono/stereo blend activated
by 20 kHz AM interference
V16 <2V; V37-35 = 3 mV;
RL16 >50MΩ;
fmod = 20 kHz;
data byte 2 bit5=0
pin 3 connected to GND
45
%
pin 3 connected to pin 5
45
%
data byte 2 bit5=1
pin 3 connected to GND
55
%
pin 3 connected to pin 5
55
%
∆f
mono/stereo blend activated
by 60 kHz FM interference
V16 <2V; V37-35 = 3 mV;
RL16 >50MΩ;
fmod = 60 kHz
pin 3 connected to GND
50
kHz
pin 3 connected to pin 5
50
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TEA6825T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

同様の説明 - TEA6825T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com