データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6823 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TEA6823
部品情報  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6823 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TEA6823 Datasheet HTML 3Page - NXP Semiconductors TEA6823 Datasheet HTML 4Page - NXP Semiconductors TEA6823 Datasheet HTML 5Page - NXP Semiconductors TEA6823 Datasheet HTML 6Page - NXP Semiconductors TEA6823 Datasheet HTML 7Page - NXP Semiconductors TEA6823 Datasheet HTML 8Page - NXP Semiconductors TEA6823 Datasheet HTML 9Page - NXP Semiconductors TEA6823 Datasheet HTML 10Page - NXP Semiconductors TEA6823 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
1998 Mar 24
7
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Charge device model class B: equivalent to discharging a 200 pF capacitor via a 0
Ω series resistor.
CHARACTERISTICS
V56-4 =V28-4 = 8.5 V; V5-4 =V52-55 =5V; Tamb =25 °C; fmod = 1 kHz; deviation = 22.5 kHz; Rg =50 Ω; V37-35 =10mV;
with de-emphasis = 50
µs; coil quality = 15; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDDA1
analog supply voltage 1 (pin 5)
−0.3
+6.5
V
VDDA2
analog supply voltage 2 (pin 28)
−0.3
+12
V
VDDA3
analog supply voltage 3 (pin 56)
−0.3
+12
V
VDDD
digital supply voltage (pin 52)
−0.3
+6.5
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Ves
electrostatic handling
note 1
pins 8 and 9
−100
+100
V
all other pins
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Currents
IDDA1
analog supply current 1 (pin 5)
FM mode
17
21
25
mA
AM mode
14
17
21
mA
IDDA2
analog supply current 2 (pin 28)
FM mode
2.4
3.0
3.6
mA
IDDA3
analog supply current 3 (pin 56)
FM mode
19
24
28
mA
AM mode
9.5
12
15
mA
IDDD
digital supply current (pin 52)
8
10
12
mA
I19 +I20
total FM mixer output current
4.8
6.0
7.2
mA
I22 +I23
total AM mixer output current
AM mode
10
12
14
mA
FM-IF path; see Fig.4
V19-20 max(p-p)
maximum output voltage
(peak-to-peak value)
12.0
14.0
V
I19; I20
mixer bias current
2.4
3.0
3.6
mA
mixer leakage current
in AM position
−−
2
µA
I19IF2/V13-14IF1
conversion gain
1.65
1.9
2.2
mS
Ri
input resistance (pins 13 to 14)
5
7
k
Ci
input capacitance (pins 13 to 14)
3
4.5
pF
Ropt
optimum generator resistance
1.2
k
Ro
output resistance (pins 19 to 20)
15
20
k
Co
output capacitance (pins 19 to 4
and pins 20 to 4)
12
14
pF
IP3
third order intermodulation
114
124
dB
µV


同様の部品番号 - TEA6823

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

同様の説明 - TEA6823

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com