データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6823 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TEA6823
部品情報  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6823 データシート(HTML) 9 Page - NXP Semiconductors

Back Button TEA6823 Datasheet HTML 5Page - NXP Semiconductors TEA6823 Datasheet HTML 6Page - NXP Semiconductors TEA6823 Datasheet HTML 7Page - NXP Semiconductors TEA6823 Datasheet HTML 8Page - NXP Semiconductors TEA6823 Datasheet HTML 9Page - NXP Semiconductors TEA6823 Datasheet HTML 10Page - NXP Semiconductors TEA6823 Datasheet HTML 11Page - NXP Semiconductors TEA6823 Datasheet HTML 12Page - NXP Semiconductors TEA6823 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
1998 Mar 24
9
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
FM demodulator
V47-4(rms)
MPX output voltage (RMS value)
160
200
240
mV
V43-4(rms)
MPX output voltage for RDS
(RMS value)
160
200
240
mV
V37-35(rms)
start of limiting voltage (RMS value)
αAF = −3dB
25
40
µV
V37-35(rms)
input voltage for signal plus
noise-to-noise ratio (RMS value)
see Fig.7 for pin 47
(MPXOUT) and Fig.8 for
pin 43 (RDS/AMSTOP)
30
45
µV
70
100
µV
∆V
43DC
residual DC-offset voltage
∆Ldemod = typical value
10
µV<V
37-35 <80 µV
100
1000
mV
80
µV<V
37-35 < 800 mV
10
30
mV
V43FM/V43AM
AM suppression
∆f = 22.5 kHz;
fmodAM = 1 kHz;
mAM = 30%;
V37-35 = 3 to 300 mV
50
60
dB
V47FM/V47AM
AM suppression
V37-35 = 1 to 300 mV
50
60
dB
∆V
43-44AFCdis
/
∆V43-44AFCactive
demodulator frequency control
voltage (AFC) efficiency
at 100 kHz detune from
exact tuning
28
32
dB
Ro
output resistance (pin 47)
−−
3k
output resistance (pin 43)
−−
1.5
k
AF bandwidth (pin 43)
200
−−
kHz
signal plus noise-to-noise ratio
66
75
dB
THD
total harmonic distortion
detuning
≤50 kHz;
∆f = 75 kHz; f
mod = 1 kHz
without de-emphasis;
Ldemod = typical value
pin 43;
V37-35 = 300 µV
to 800 mV
0.1
0.35
%
pin 47;
V37-35 = 1 to 800 mV
0.1
0.35
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
SN
+
N
--------------
26 dB
=
SN
+
N
--------------
46 dB
=
SN
+
N
--------------


同様の部品番号 - TEA6823

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

同様の説明 - TEA6823

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com