データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA6880H データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TEA6880H
部品情報  Up-level Car radio Analog Signal Processor CASP
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6880H データシート(HTML) 4 Page - NXP Semiconductors

  TEA6880H Datasheet HTML 1Page - NXP Semiconductors TEA6880H Datasheet HTML 2Page - NXP Semiconductors TEA6880H Datasheet HTML 3Page - NXP Semiconductors TEA6880H Datasheet HTML 4Page - NXP Semiconductors TEA6880H Datasheet HTML 5Page - NXP Semiconductors TEA6880H Datasheet HTML 6Page - NXP Semiconductors TEA6880H Datasheet HTML 7Page - NXP Semiconductors TEA6880H Datasheet HTML 8Page - NXP Semiconductors TEA6880H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
2000 May 08
4
Philips Semiconductors
Product specification
Up-level Car radio Analog Signal
Processor (CASP)
TEA6880H
4
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.8
8.5
9.2
V
ICC
supply current
32
40
48
mA
Stereo decoder path
S/N
signal-to-noise ratio
78
dB
THD
total harmonic distortion
0.1
%
αcs
channel separation
40
−−
dB
Vo(rms)
output voltage level at pins ROPO and
LOPO
FM: 91% modulation;
AM: 100% modulation;
fmod = 400 Hz
840
950
1060
mV
Tone volume control
Vo(rms)
maximum output voltage level at pins
LF, LR, RF and RR
VCC = 8.5 V; THD ≤ 0.1%
2000
−−
mV
Gv
voltage gain
1 dB steps
−112
+20
dB
Gstep(vol)
step resolution (volume)
1
dB
Gbass
bass control
−18
+18
dB
Gtreble
treble control
−14
+14
dB
Gstep(treble, bass) step resolution (bass and treble)
2
dB
(S + N)/N
signal-plus-noise to noise ratio
Vo = 2.0 V; Gv = 0 dB;
unweighted
107
dB
THD
total harmonic distortion
Vo(rms) = 1.0 V; Gv =0dB
0.01
%
RR100
ripple rejection
Vr(rms) < 200 mV;
f = 100 Hz; Gv =0dB
70
dB
CMRR
common mode rejection ratio
differential stereo input
48
53
dB


同様の部品番号 - TEA6880H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6886 PHILIPS-TEA6886 Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
TEA6886HL PHILIPS-TEA6886HL Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
More results

同様の説明 - TEA6880H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA6886HL PHILIPS-TEA6886HL Datasheet
376Kb / 92P
   Up-level Car radio Analog Signal Processor CASP
2000 Nov 21
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com