データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA5059A データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TSA5059A
部品情報  2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5059A データシート(HTML) 4 Page - NXP Semiconductors

  TSA5059A Datasheet HTML 1Page - NXP Semiconductors TSA5059A Datasheet HTML 2Page - NXP Semiconductors TSA5059A Datasheet HTML 3Page - NXP Semiconductors TSA5059A Datasheet HTML 4Page - NXP Semiconductors TSA5059A Datasheet HTML 5Page - NXP Semiconductors TSA5059A Datasheet HTML 6Page - NXP Semiconductors TSA5059A Datasheet HTML 7Page - NXP Semiconductors TSA5059A Datasheet HTML 8Page - NXP Semiconductors TSA5059A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2000 Oct 24
4
Philips Semiconductors
Product specification
2.7 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5059A
BLOCK DIAGRAM
handbook, full pagewidth
FCE711
PRE
AMP
AMP
LOCK
DETECT
DIGITAL PHASE
COMPARATOR
CHARGE PUMP
REFERENCE
DIVIDER
DIVIDER
1/2
17-BIT
DIVIDER
17-BIT LATCH
DIVIDE RATIO
I2C-BUS
TRANSCEIVER
1-BIT
LATCH
2-BIT
LATCH
3-BIT
ADC
POWER-ON
RESET
MODE
CONTROL
LOGIC
3-BIT
INPUT
PORTS
4-BIT LATCH
AND
OUTPUT PORTS
XTAL
OSCILLATOR
4-BIT LATCH
2
XTAL
13
RFA
14
RFB
4
AS
6
SCL
5
SDA
11
10
9
8
7
ADC
CP
1
XT/COMP
3
DRIVE
16
VCC
12
GND
15
TSA5059A
P3 P2 P1 P0
Fig.1 Block diagram.


同様の部品番号 - TSA5059A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059T PHILIPS-TSA5059T Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059TS PHILIPS-TSA5059TS Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
More results

同様の説明 - TSA5059A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5522 PHILIPS-TSA5522 Datasheet
172Kb / 20P
   1.4 GHz I2C-bus controlled synthesizer
1996 Jan 23
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com