データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9301-12-30 データシート(PDF) 2 Page - Coto Technology

部品番号 9301-12-30
部品情報  Series/Surface Mount Reed Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COTO [Coto Technology]
ホームページ  http://www.cotorelay.com
Logo COTO - Coto Technology

9301-12-30 データシート(HTML) 2 Page - Coto Technology

  9301-12-30 Datasheet HTML 1Page - Coto Technology 9301-12-30 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: sales@cotorelay.com
9300-9400 Series/Surface Mount Reed Relays
Environmental Ratings:
Storage Temp: -35°C to +100°C;
Operating Temp: -20°C to +85°C
The operate and release voltage and the coil resistance
are specified at 25°C. These values vary by approximately
0.4% / °C as the ambient temperature varies.
Vibration: 20 G’s to 2000 Hz; Shock: 50 G’s
Notes:
1Consult factory for life expectancy at other switching loads.
2Surface mount component processing temperature:
500°F / 260°C max for 1 minute dwell time. Temperature
measured on leads where lead exits molded package.
3Higher dielectric strength available, consult factory.
4Consists of 56V Zener diode and 1N4148 diode in series,
connected in parallel with coil.
Top View:
Dot stamped on top of relay refers to pin #1 location


同様の部品番号 - 9301-12-30

メーカー部品番号データシート部品情報
logo
RHOPOINT COMPONENTS
9301-12-30 RHOPOINT-9301-12-30 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
More results

同様の説明 - 9301-12-30

メーカー部品番号データシート部品情報
logo
Coto Technology
9200 COTO-9200 Datasheet
307Kb / 2P
   Surface Mount Reed Relays
logo
RHOPOINT COMPONENTS
9201-05-00 RHOPOINT-9201-05-00 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9401 RHOPOINT-9401 Datasheet
54Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
17D-1A12G DBLECTRO-17D-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9901-05-00 COTO-9901-05-00_14 Datasheet
447Kb / 2P
   SURFACE MOUNT REED RELAYS
logo
List of Unclassifed Man...
9400 ETC-9400 Datasheet
101Kb / 2P
   Surface Mount Reed Relays
9852 ETC-9852 Datasheet
96Kb / 2P
   Surface Mount Reed Relays
logo
DB Lectro Inc
10R-1A12G DBLECTRO-10R-1A12G Datasheet
1Mb / 4P
   SURFACE MOUNT REED RELAYS
logo
Coto Technology
9802-03-00 COTO-9802-03-00 Datasheet
366Kb / 2P
   Surface Mount Reed Relays
9901-05-00 COTO-9901-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com