データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA5522T データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TSA5522T
部品情報  1.4 GHz I2C-bus controlled synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5522T データシート(HTML) 8 Page - NXP Semiconductors

Back Button TSA5522T Datasheet HTML 4Page - NXP Semiconductors TSA5522T Datasheet HTML 5Page - NXP Semiconductors TSA5522T Datasheet HTML 6Page - NXP Semiconductors TSA5522T Datasheet HTML 7Page - NXP Semiconductors TSA5522T Datasheet HTML 8Page - NXP Semiconductors TSA5522T Datasheet HTML 9Page - NXP Semiconductors TSA5522T Datasheet HTML 10Page - NXP Semiconductors TSA5522T Datasheet HTML 11Page - NXP Semiconductors TSA5522T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Jan 23
8
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled synthesizer
TSA5522
Table 8
ADC levels
Note
1. Accuracy is 0.02VCC1.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling bipolar devices. Every pin withstands the ESD test in
accordance with
MIL-STD-883C category B (2000 V). Every pin withstands the ESD test in accordance with Philips
Semiconductors Machine Model 0
Ω, 200 pF (200 V).
VOLTAGE APPLIED ON
PORT P6(1)
A2
A1
A0
0.6VCC1 to 13.5V
1
0
0
0.45VCC1 to 0.6VCC1
011
0.3VCC1 to 0.45VCC1
010
0.15VCC1 to 0.3VCC1
001
0 to 0.15VCC1
000
SYMBOL
PARAMETER
MIN.
MAX
UNIT
VCC1
supply voltage +5 V
−0.3
6.0
V
VCC2
supply voltage + 12 V
−0.3
16
V
Vi(RF)
prescaler input voltage
−0.3
VCC1
V
Vo(BS)
band switch output voltage
−0.3
VCC1
V
Vo(PNP)
PNP band switch buffer output voltage
− 0.3
VCC2
V
Io(PNP)
PNP band switch buffers output current
−125
mA
VNPN
NPN open-collector output voltage
−0.3
16
V
INPN
NPN open-collector output current
−125
mA
Vo(CP)
charge-pump output voltage
−0.3
VCC1
V
Vo(tune)
output tuning voltage
−0.3
35
V
Vi(SCL)
serial clock input voltage
−0.3
6.0
V
Vi/o(SDA)
serial data input/output voltage
−0.3
6.0
V
Io(SDA)
serial data output current
−15
mA
Vi(AS)
address selection input voltage
−0.3
VCC1
V
Vi(xtal)
crystal oscillator input voltage
−0.3
VCC1
V
Tstg
storage temperature range (IC)
−40
+150
°C
Tj
maximum junction temperature
+150
°C
tsc
short circuit time; every pin to VCC1 or GND
10
s


同様の部品番号 - TSA5522T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5520 PHILIPS-TSA5520 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5520M PHILIPS-TSA5520M Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5520T PHILIPS-TSA5520T Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5521 PHILIPS-TSA5521 Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
TSA5521M PHILIPS-TSA5521M Datasheet
285Kb / 24P
   1.3 GHz universal bus-controlled TV synthesizer
1996 Oct 10
More results

同様の説明 - TSA5522T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TSA5523M PHILIPS-TSA5523M Datasheet
182Kb / 20P
   1.4 GHz I2C-bus controlled multimedia synthesizer
1996 Dec 17
TSA5518M PHILIPS-TSA5518M Datasheet
161Kb / 20P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
1997 Mar 07
TSA5511 PHILIPS-TSA5511 Datasheet
145Kb / 19P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5512 PHILIPS-TSA5512 Datasheet
146Kb / 20P
   1.3 GHz Bidirectional I2C-bus controlled synthesizer
October 1992
TSA5055T PHILIPS-TSA5055T Datasheet
101Kb / 20P
   2.65 GHz bidirectional I2C-bus controlled synthesizer
1999 Aug 11
TSA5514 PHILIPS-TSA5514 Datasheet
149Kb / 18P
   1.3 GHz bidirectional I2C-bus controlled synthesizer
October 1992
TSA5515T PHILIPS-TSA5515T Datasheet
117Kb / 15P
   1.3 GHz bi-directional I2C-bus controlled synthesizer
November 1991
TSA5060A PHILIPS-TSA5060A Datasheet
119Kb / 24P
   1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com