データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSA6060T データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TSA6060T
部品情報  Fast radio tuning PLL frequency synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA6060T データシート(HTML) 2 Page - NXP Semiconductors

  TSA6060T Datasheet HTML 1Page - NXP Semiconductors TSA6060T Datasheet HTML 2Page - NXP Semiconductors TSA6060T Datasheet HTML 3Page - NXP Semiconductors TSA6060T Datasheet HTML 4Page - NXP Semiconductors TSA6060T Datasheet HTML 5Page - NXP Semiconductors TSA6060T Datasheet HTML 6Page - NXP Semiconductors TSA6060T Datasheet HTML 7Page - NXP Semiconductors TSA6060T Datasheet HTML 8Page - NXP Semiconductors TSA6060T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1995 Nov 23
2
Philips Semiconductors
Product specification
Fast radio tuning PLL frequency
synthesizer
TSA6060
FEATURES
• On-chip AM and FM prescalers with high input
sensitivity
• On-chip high-performance one-input-two-output, tuning
voltage amplifier for the AM and FM loop filters
• On-chip two-level current amplifier (charge pump) for
loop gain adjustment
• One reference oscillator (4 or 8 MHz) for both AM
and FM
• High-speed tuning provided by a powerful digital
memory phase detector
• 40 kHz output reference frequency for communication
between the FM/IF system and microcontroller-based
tuning interface IC (TEA6100)
• Oscillator frequency range of 500 kHz to 30 MHz and
30 MHz to 200 MHz
• Four selectable reference frequencies:
1, 10, 25 or 50 kHz, for both tuning ranges
• I2C-bus interface to a microcontroller
• Software controlled band switch output
• In-lock detector output.
APPLICATIONS
• FM mains and car radios
• VHF receivers 30 to 200 MHz.
GENERAL DESCRIPTION
The TSA6060 is a frequency synthesizer manufactured in
SUBILO-N technology (components laterally separated by
oxide). The device performs all the tuning functions of a
PLL radio tuning system.
The IC is designed for application in all types of
radio receivers.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC1
supply voltage (pin 3)
4.5
5.0
5.5
V
VCC2
supply voltage (pin 16)
VCC1 + 1 8.5
12.0
V
ICC1
supply current (pin 3)
no outputs loaded
15
mA
ICC2
supply current (pin 16)
no outputs loaded
0.7
1.0
1.5
mA
fiAMmax
maximum AM input frequency
30
−−
MHz
fiAMmin
minimum AM input frequency
−−
500
kHz
fiFMmax
maximum FM input frequency
200
−−
MHz
fiFMmin
minimum FM input frequency
−−
30
MHz
ViAM(rms)
AM input voltage (RMS value)
ViFM =0V; fi < 15 MHz
30
500
mV
ViFM(rms)
FM input voltage (RMS value)
ViAM =0V
20
300
mV
Ptot
total power dissipation
100
mW
Tamb
operating ambient temperature
−40
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TSA6060
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TSA6060T
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1


同様の部品番号 - TSA6060T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSA601M ETC-TSA601M Datasheet
341Kb / 1P
   Tele Communication surge absorber
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
TSA6057T PHILIPS-TSA6057T Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
StarHope
TSA60U SPSEMI-TSA60U Datasheet
120Kb / 5P
   TSA(240W) Series
More results

同様の説明 - TSA6060T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SAA1057 PHILIPS-SAA1057 Datasheet
104Kb / 13P
   Radio tuning PLL frequency synthesizer
November 1983
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
   Frequency Synthesizer for Radio Tuning
U4256BM-R ATMEL-U4256BM-R Datasheet
403Kb / 19P
   Frequency Synthesizer for Radio Tuning
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
   Frequency Synthesizer for Radio Tuning
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com