データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ670 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 2SJ670
部品情報  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ670 データシート(HTML) 1 Page - Sanyo Semicon Device

  2SJ670 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ670 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SJ670
No.8354-1/4
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN8354A
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
82506 MS IM TC-00000122 / 62005PA MS IM TB-00001479
SANYO Semiconductors
DATA SHEET
2SJ670
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
Features
Low ON-resistance.
Ultrahigh-speed switching.
4V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--100
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--1.5
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--6
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (600mm2!0.8mm)
1.5
W
Tc=25
°C
3.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--100
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--100V, VGS=0V
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.6
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--0.8A
1.3
2.3
S
RDS(on)1
ID=--0.8A, VGS=--10V
410
535
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--0.8A, VGS=--4V
530
745
m
Input Capacitance
Ciss
VDS=--20V, f=1MHz
535
pF
Output Capacitance
Coss
VDS=--20V, f=1MHz
43
pF
Reverse Transfer Capacitance
Crss
VDS=--20V, f=1MHz
31
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
9
ns
Rise Time
tr
See specified Test Circuit.
4.5
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
62
ns
Fall Time
tf
See specified Test Circuit.
34
ns
Marking : NA
Continued on next page.


同様の部品番号 - 2SJ670

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SJ673 RENESAS-2SJ673 Datasheet
288Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ676 TOSHIBA-2SJ676 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
2SJ676 TOSHIBA-2SJ676_09 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
More results

同様の説明 - 2SJ670

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com