データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STAC9205D5TAEYYXR データシート(PDF) 1 Page - Integrated Device Technology

部品番号 STAC9205D5TAEYYXR
部品情報  4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9205D5TAEYYXR データシート(HTML) 1 Page - Integrated Device Technology

  STAC9205D5TAEYYXR Datasheet HTML 1Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 2Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 3Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 4Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 5Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 6Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 7Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 8Page - Integrated Device Technology STAC9205D5TAEYYXR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 213 page
background image
DATASHEET
4-CHANNEL HD AUDIO CODEC WITH QUAD
DIGITAL MICROPHONE INTERFACE
STAC9204/9205
IDT™
1
STAC9204/9205
V 1.0 12/06
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
Description
The STAC9204/9205 are high fidelity, 4-channel HD Audio
CODECs that enable 2.0 Audio with simultaneous
Real-Time Communication such as VoIP, conferencing,
voice command and control, etc. Up to four digital
microphones are supported, enabling high quality voice
input for increased usability of voice applications.
Features
High performance SD technology
• 103dB DAC SNR
• 90dB ADC SNR
Two stereo DACs and two stereo ADCs
• Supports 2.0 Audio with simultaneous Real-Time
Communication (RTC) channel such as VoIP or separate
stereo audio stream
• Provides mono output for laptop sub-woofer
24-bit resolution with up to 192 KHz sample rates
Supports advanced chipsets with flexible 1.5 V to 3.3 V
signaling
Digital microphone interface
• Direct interface to up to four digital microphones
Analog stereo microphone
• Microphone Boost 0, 10, 20, 30, 40dB
• Five adjustable Vref outputs for microphone bias
Universal Jacks™ functionality for jack retasking
S/PDIF In and Out
Two-pin volume up/down control
Digital PC Beep to all outputs
+3.3 V, +4 V, +4.5 V and +5 V analog power supply
options
Optimized and flexible power management
48-pin LQFP and 48-pad QFN environmental package
Software Support
SKPI (Kernel Processing Interface)
• Enables plug-ins that can operate globally on all audio streams
of the system
12 band parametric equalizer SKPI plug-in
• Constant, system-level effects tuned to optimize a particular
platform can be combined with user-mode “presets” tailored for
specific acoustical environments and applications
• System-level effects automatically disabled when external
audio connections made
Dynamics Processing SKPI plug-in
• Enables improved voice articulation
• Compressor/limiter allows higher average noise level without
resonances
Third Party Partners
Dolby PC Entertainment Experience Logo Program
• Dolby Home Theater
(HT)
• Dolby Sound Room
(SR)
Dolby Technologies
• Dolby Headphone
, Dolby Virtual Speaker
• Dolby ProLogic II
, Dolby ProLogic IIx
• Dolby Digital Live
(DDL)
Intel Audio Studio™ from Sonic Focus
Maxx Player™ from Waves
Microphone Beam Forming, Acoustic Echo Cancellation,
and Noise Suppression from Knowles™
Block Diagram
SPDIF
Port A
Port B
Port C
Port D
Port E
Port F
SPDIF In/Out
X


同様の部品番号 - STAC9205D5TAEYYXR

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
STAC9200 IDT-STAC9200 Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
STMicroelectronics
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
   200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
logo
Integrated Device Techn...
STAC9200D3NAE IDT-STAC9200D3NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D3TAE IDT-STAC9200D3TAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9200D5NAE IDT-STAC9200D5NAE Datasheet
1Mb / 126P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

同様の説明 - STAC9205D5TAEYYXR

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
92HD005 IDT-92HD005 Datasheet
2Mb / 205P
   4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
STAC9250 IDT-STAC9250 Datasheet
1,018Kb / 137P
   TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
logo
Asahi Kasei Microsystem...
AK4618VQ AKM-AK4618VQ Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
AK4618 AKM-AK4618 Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Integrated Device Techn...
92HD71B7 IDT-92HD71B7 Datasheet
2Mb / 216P
   4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com