データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11693JH データシート(PDF) 11 Page - Sanyo Semicon Device

部品番号 LB11693JH
部品情報  Monolithic Digital IC 24V Fan Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11693JH データシート(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11693JH Datasheet HTML 4Page - Sanyo Semicon Device LB11693JH Datasheet HTML 5Page - Sanyo Semicon Device LB11693JH Datasheet HTML 6Page - Sanyo Semicon Device LB11693JH Datasheet HTML 7Page - Sanyo Semicon Device LB11693JH Datasheet HTML 8Page - Sanyo Semicon Device LB11693JH Datasheet HTML 9Page - Sanyo Semicon Device LB11693JH Datasheet HTML 10Page - Sanyo Semicon Device LB11693JH Datasheet HTML 11Page - Sanyo Semicon Device LB11693JH Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LB11693JH
No.A0606-11/12
12. Undervoltage Protection Circuit
The undervoltage protection circuit turns off the low side output transistor
if the LVS pin voltage falls below the circuit's operating voltage (about 3.8V).
This operating voltage is the detection level for a 5V system. The detection
level can be increased by connecting a zener diode in series with the LVS pin
to apply a level shift to the detection level. The current flowing into the LVS
pin during detection is about 65µA.
To suppress variations in the zener voltage, it is necessary to stabilize the rise of the
zener diode voltage by increasing the current that flows in the zener diode. If this is
necessary, insert a resistor between the LVS pin and ground.
When the LVS pin is open, it will be pulled to the ground level by the built-in pull-down resistor and the output will
be turned off. Thus if the undervoltage protection circuit is not used, a voltage in excess of the release voltage (about
4.3V) must be applied to the LVS pin. Note that the maximum rating for the LVS pin voltage is 30V.
13. Motor Constraint Protection Circuit
When motor motion is constrained, the external capacitor connected to the CSD pin will be alternately charged (up to
about 3.0V) with a constant current of about 2.4µA and discharged with a constant current of about 0.17µA (to about
1.0V). Thus the CSD pin voltage will have a sawtooth waveform. The motor constraint protection circuit turns the
motor (the low side output transistor) on or off repeatedly based on this sawtooth waveform. Motor drive will be on
during the period the CSD pin external capacitor is being charged from about 1.0V to about 3.0V and will be off
when it is being discharged from about 3.0V to about 1.0V. The drive on/off operation protects the IC and the motor
when the motor is physically constrained from moving. If a 0.47µF capacitor is connected to the CSD pin, the IC will
iterate an on/off cycle in which drive is on for about 0.4 seconds and off for about 5.5 seconds.
While the motor is turning, the CSD pin voltage will be held at a certain voltage (that depends on the motor speed) by
(a) a CSD pin external capacitor discharge operation based on about 10µs discharge pulses generated internally in the
IC when the Hall input IN1 switches (that is, on rising and falling edges on the FG output) and (b) a charge operation
on that capacitor by a constant current of about 2.4µA.
Since the Hall input IN1 does not switch when the motor is physically constrained, the discharge pulses are not
generated and the CSD pin external capacitor will be charged to about 3.0V by the constant current of about 2.4µA.
The motor constraint protection circuit operates when the capacitor reaches about 3.0V. The constraint protection
operation will be released when the motor constraint is released.
If the motor speed is extremely low, the CSD pin voltage during that motor rotation will be held at a comparatively
high voltage, and if that voltage reaches about 3.0V, the constraint protection function will operate. Since the
constraint protection function will operate if the Hall input IN1 frequency falls below about 10Hz, caution is required
when using the motor constraint protection circuit with motors that will operate at low speeds.
Connect the CSD pin to ground if the motor constraint protection circuit is not used.
To the LVS pin
To the detected
power supply


同様の部品番号 - LB11693JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
More results

同様の説明 - LB11693JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11988V SANYO-LB11988V_12 Datasheet
122Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988H SANYO-LB11988H_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Sanyo Semicon Device
LB11693H SANYO-LB11693H Datasheet
915Kb / 24P
   Monolithic Digital IC 3-Phase Brushless Motor Driver for 24V Fan Motors
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com