データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11850VA データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LB11850VA
部品情報  Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11850VA データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LB11850VA Datasheet HTML 2Page - Sanyo Semicon Device LB11850VA Datasheet HTML 3Page - Sanyo Semicon Device LB11850VA Datasheet HTML 4Page - Sanyo Semicon Device LB11850VA Datasheet HTML 5Page - Sanyo Semicon Device LB11850VA Datasheet HTML 6Page - Sanyo Semicon Device LB11850VA Datasheet HTML 7Page - Sanyo Semicon Device LB11850VA Datasheet HTML 8Page - Sanyo Semicon Device LB11850VA Datasheet HTML 9Page - Sanyo Semicon Device LB11850VA Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LB11850VA
No.A0609-6/14
Sample Application Circuit
*5
*2
VCC
FG
OUT1P
OUT1N
SGND
CPWM
CP=220pF
30kHz
IN+
IN-
LIM
CVO
CT
CT=1
µF
OUT2P
OUT2N
SENSE
5VREG
RF
1
µF/25V
RFG/RRD=
10k
Ω to 100kΩ
1
µF/25V
SOFT
Rp=1k
*1
*3
*4
*6
*7
*8
*9
(1)
(2)
(3)
(4)
(1)
(2)
(3)
(4)
H
RD
HB
RC
CVI
C
CTL
CTLsignal
EI
EO
100


同様の部品番号 - LB11850VA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11850VA ONSEMI-LB11850VA Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
LB11850VA ONSEMI-LB11850VA Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-E ONSEMI-LB11850VA-TLM-E Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
233Kb / 17P
   Single?릔hase Full?릛ave Pre?릁river
March, 2018 ??Rev. 1
More results

同様の説明 - LB11850VA

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11852FV SANYO-LB11852FV Datasheet
146Kb / 12P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Pre-driver with Speed Control Function
LB11850V SANYO-LB11850V Datasheet
117Kb / 14P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
logo
ON Semiconductor
LB11850VA-TLM-H ONSEMI-LB11850VA-TLM-H Datasheet
113Kb / 14P
   For Fan Motor Single-Phase Full-Wave Pre-Driver with Speed Control Function
May, 2013
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV Datasheet
91Kb / 9P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11868V SANYO-LB11868V Datasheet
264Kb / 11P
   Monolithic Digital IC For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
LB1862MC SANYO-LB1862MC Datasheet
124Kb / 7P
   Monolithic Digital IC For Fan Motor Single-Phase Full-Wave Driver
logo
ARTSCHIP ELECTRONICS CO...
LB11961 ARTSCHIP-LB11961 Datasheet
111Kb / 6P
   Monolithic Digital IC LB11961-Single-Phase Full-Wave Fan Motor Driver
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com