データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD526 データシート(PDF) 4 Page - Analog Devices

部品番号 AD526
部品情報  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD526 データシート(HTML) 4 Page - Analog Devices

  AD526 Datasheet HTML 1Page - Analog Devices AD526 Datasheet HTML 2Page - Analog Devices AD526 Datasheet HTML 3Page - Analog Devices AD526 Datasheet HTML 4Page - Analog Devices AD526 Datasheet HTML 5Page - Analog Devices AD526 Datasheet HTML 6Page - Analog Devices AD526 Datasheet HTML 7Page - Analog Devices AD526 Datasheet HTML 8Page - Analog Devices AD526 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD8253
Preliminary Technical Data
Rev. prA | Page 4 of 10
Parameter
Conditions
Min
Typ
Max
Unit
Settling Time 0.001%
ΔOUT = 10 V step
G = 1
615
ns
G = 10
685
ns
G = 100
ns
G = 1000
ns
Slew Rate
G = 1
20
V/μs
G = 10
25
V/μs
G = 100
25
V/μs
G = 1000
25
V/μs
Total Harmonic Distortion
f = 1 kHz, RL = 10 kΩ, G = 1
dB
GAIN
Gain Range
G = 1, 10, 100, 1000
1
1000
V/V
Gain Error
OUT = ±10 V
G = 1
0.03
%
G = 10
0.04
%
G = 100
%
G = 1000
%
Gain Nonlinearity
OUT = −10 V to +10 V
G = 1
RL = 10 kΩ, 2 kΩ, 600 Ω
6
ppm
G = 10
RL = 10 kΩ, 2 kΩ, 600 Ω
10
ppm
G = 100
RL = 10 kΩ, 2 kΩ, 600 Ω
ppm
G = 1000
RL = 10 kΩ, 2 kΩ, 600 Ω
ppm
Gain vs. Temperature
All gains
10
ppm/°C
INPUT
Input Impedance
Differential
1
||pF
Common Mode
1
||pF
Input Operating Voltage Range
VS = ±5 V to ±15 V
−VS + 1.0
+VS − 1.1
V
Over Temperature
T = −40°C to +85°C
−VS + 1.1
+VS − 1.4
V
OUTPUT
Output Swing
−13.5
+13.5
V
Over Temperature
T = −40°C to +85°C
−13.5
+13.5
V
Short-Circuit Current
37
mA
REFERENCE INPUT
RIN
20
IIN
+IN, −IN, REF = 0
1
μA
Voltage Range
−VS
+VS
V
Gain to Output
1 ± 0.0001
V/V
DIGITAL LOGIC
Digital Ground Voltage, DGND
Referred to GND
−VS + 4.25
0
+VS − 2.7
V
Digital Input Voltage Low
Referred to GND
DGND
2.1
V
Digital Input Voltage High
Referred to GND
2.8
+VS
V
Digital Input Current
1
μA
Gain Switching Time1
325
ns
tSU
See Figure 2 timing diagram
20
ns
tHD
10
ns
t WR -LOW
20
ns
t WR -HIGH
40
ns


同様の部品番号 - AD526

メーカー部品番号データシート部品情報
logo
Analog Devices
AD526 AD-AD526 Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526 AD-AD526 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD526 AD-AD526 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD526 AD-AD526 Datasheet
378Kb / 20P
   Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD526 AD-AD526 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
More results

同様の説明 - AD526

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com