データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS24D75 データシート(PDF) 1 Page - Teledyne Technologies Incorporated

部品番号 SS24D75
部品情報  Output to 75A, 510 Vac Solid-State Relay with Diagnostic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELEDYNE [Teledyne Technologies Incorporated]
ホームページ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SS24D75 データシート(HTML) 1 Page - Teledyne Technologies Incorporated

  SS24D75 Datasheet HTML 1Page - Teledyne Technologies Incorporated SS24D75 Datasheet HTML 2Page - Teledyne Technologies Incorporated SS24D75 Datasheet HTML 3Page - Teledyne Technologies Incorporated SS24D75 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SS Page 1
SS/052002\Q1
NEW Series SS
Output to 75A, 510 Vac
Solid-State Relay with Diagnostic
Part Number
Description
SS24D50
50A, 70–280 Vac with diagnostic
SS24D75
75A, 70–280 Vac with diagnostic
SS48D50
50A, 150–510 Vac with diagnostic
SS48D75
75A, 150–510 Vac with diagnostic
Part Number Explanation
ELECTRICAL SPECIFICATIONS
(+25°C ambient temperature unless otherwise specified)
INPUT (CONTROL) SPECIFICATIONS
Min
Max
Units
Control Range
SS24
7
32
V
SS48
8
32
V
Input Current Range
SS24
4
30
mA
SS48
4
28
mA
Must Turn-Off Voltage
SS24
3
V
SS48
4
V
Input Resistance (Typical)
All relays
1000
Ohms
Reverse Voltage Protection
All relays
30
V
FEATURES/BENEFITS
• Zero switching AC output
• DC control input
• Fault detection: line or load open; short-circuit output
• Solid-state N.C. status output without power supply
• Control and status LED indicators
• Terminal block for control and status output connections
SS
24
D
50
Series
Switch Type2
Line Voltage1
Output Current – Amps
Figure 2
Status output
Without faults, the status output is normally closed (NC)
Vc
Ic
Control
Vds
0V/Vs
green
yellow
1 L1
Mains
150–510V
Fuse
Load
2 T1
Vs Id
A1
4+
3–
A2
6+
5–
BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Figure 1
1.063 (27)
0.898 ±0.02
(22.8 ±0.5)
0.77
(19.6)
1.38 (35)
TOLERANCES: ±0.01 (±0.3)
WEIGHT: 3.52 oz. (100g)
0.89 (28)
Ø4.7
1.75 (44.5)
1.14 (29)
M4
status
control
with heat sink
150–510 Vac
1 L1
2 T1
75A
N.C. output
max 30V 0.1A
8–32 Vdc
A1
A2
3– 4+
5– 6+
STATUS OUTPUT SPECIFICATIONS
Min
Max
Units
Supply Voltage
1
32
V
Output Current
0
0.1
A
On Resistance
2
Ohms
Maximum Cable Length
40
m


同様の部品番号 - SS24D75

メーカー部品番号データシート部品情報
logo
DATEL, Inc.
SS24D12-0.08 DATEL-SS24D12-0.08 Datasheet
146Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹12 Volts Output
SS24D15-0.06 DATEL-SS24D15-0.06 Datasheet
146Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹15 Volts Output
SS24D24-0.04 DATEL-SS24D24-0.04 Datasheet
145Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹24 Volts Output
SS24D5-0.2 DATEL-SS24D5-0.2 Datasheet
166Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹5 Volts Output
SS24D9-0.11 DATEL-SS24D9-0.11 Datasheet
166Kb / 1P
   Switching Regulator, 3000 Volts isolation, 2-Watt SIP, 짹9 Volts Output
More results

同様の説明 - SS24D75

メーカー部品番号データシート部品情報
logo
Teledyne Technologies I...
SSH TELEDYNE-SSH Datasheet
859Kb / 5P
   Output to 75A, 510 Vac with Diagnostics
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRD48A20 TELEDYNE-DRD48A20 Datasheet
150Kb / 3P
   Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
Tyco Electronics
SSR-240D25R MACOM-SSR-240D25R Datasheet
370Kb / 2P
   Solid State Relay With Paired SCR Output
SSR-480D25 MACOM-SSR-480D25 Datasheet
120Kb / 2P
   Solid State Relay With Paired SCR Output
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
   Single Output to 75A 600 Vac
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com