データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC749450NW データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LC749450NW
部品情報  Silicon Gate CMOS IC Digital RGB Image Processor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749450NW データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LC749450NW Datasheet HTML 3Page - Sanyo Semicon Device LC749450NW Datasheet HTML 4Page - Sanyo Semicon Device LC749450NW Datasheet HTML 5Page - Sanyo Semicon Device LC749450NW Datasheet HTML 6Page - Sanyo Semicon Device LC749450NW Datasheet HTML 7Page - Sanyo Semicon Device LC749450NW Datasheet HTML 8Page - Sanyo Semicon Device LC749450NW Datasheet HTML 9Page - Sanyo Semicon Device LC749450NW Datasheet HTML 10Page - Sanyo Semicon Device LC749450NW Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
No.8096-7/17
LC749450NW
Allowable Operating Ranges at Ta = –30 to +70°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage (I/O)
DVDD33
3.15
3.3
3.45
V
Supply voltage (core)
VDD18
1.71
1.8
1.89
V
Input voltage range
VIN
0
5.5
V
Input and Output Pin Capacitance at Ta = 25°C, VDD = VI = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input pins
CIN
f = 1 MHz
10
pF
Output pins
COUT
f = 1 MHz
10
pF
I/O pins
CI/O
f = 1 MHz
10
pF
DC Characteristics at Ta = –30 to +70°C, VDD33 = 3.15 to 3.45 V, VDD18 = 1.71 to 1.89 V
*1: Some input pins have a built-in pull-down resistor. Note that there are thus certain circuit structures for which the static current drain cannot be
guaranteed.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
High-level input voltage
VIH
5 V inputs
2.0
5.5
V
5 V Schmitt inputs
1.50
5.5
V
Low-level input voltage
VIL
5 V inputs
–0.3
0.8
V
5 V Schmitt inputs
–0.3
0.90
V
High-level input current
IIH
VI = VDD
–10
+10
µA
VI = VDD, with pull-down resistor used
+10
+100
µA
Low-level input current
IIL
VI = VSS
–10
+10
µA
High-level output voltage
VOH
T08 type, IOH = –4 mA
VDD – 0.8
V
T12 type, IOH = –8 mA
VDD – 0.8
V
Low-level output voltage
VOL
T08 type, IOL = 4 mA
0.4
V
T12 type, IOL = 8 mA
0.4
V
Output leakage current
IOZ
In the high-impedance output state
–10
+10
µA
Pull-down resistor
RDN
43
58
118
k
Operating current drain
IDDOP
tck = 135 MHz
500
mA
Static current drain *1
IDDST
Outputs open, VI = VSS or VDD
300
µA
Specifications
Absolute Maximum Ragings at VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage (I/O)
DVDD33
–0.3 to +3.96
V
AVDD33
Maximum supply voltage (core)
DVDD18
–0.3 to +2.16
V
DPVDD18
Input voltage
VI
–0.5 to 6.0
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
1W
Storage temperature
Tstg
–55 to +125
°C
Operating temperature
Topr
–30 to +70
°C


同様の部品番号 - LC749450NW

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
More results

同様の説明 - LC749450NW

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8884AN TOSHIBA-TA8884AN Datasheet
2Mb / 54P
   RGB PROCESSOR IC
logo
Sanyo Semicon Device
LC749460W SANYO-LC749460W Datasheet
145Kb / 20P
   Silicon gate Digital RGB Processor LSI
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
   Digital Surround Processor IC
logo
E-Tech Electronics LTD
MN662793 ETL-MN662793 Datasheet
818Kb / 41P
   Silicon CMOS IC
logo
Princeton Technology Co...
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
PT2396 PTC-PT2396_10 Datasheet
470Kb / 18P
   Digital Echo/Surround Processor IC
logo
List of Unclassifed Man...
M1347 ETC-M1347 Datasheet
150Kb / 2P
   RGB LED IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com