データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB0203EJ データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 SB0203EJ
部品情報  Schottky Barrier Diode 30V, 200mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB0203EJ データシート(HTML) 1 Page - Sanyo Semicon Device

  SB0203EJ Datasheet HTML 1Page - Sanyo Semicon Device SB0203EJ Datasheet HTML 2Page - Sanyo Semicon Device SB0203EJ Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB0203EJ
No.8169-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low switching noise.
Low leakage current and high reliability due to highly reliable planar structure.
Ultraminiature (1608 size) and thin (0.6mm) leadless package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
200
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
2
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=50µA30
V
Forward Voltage
VF
IF=200mA
0.55
V
Reverse Current
IR
VR=15V
5
µA
Reverse Recovery Time
trr
IF=IR=10mA, See specified Test Circuit.
10
ns
Interterminal Capacitance
C
VR=10V, f=1MHz
7.7
pF
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (250mm2!0.8mm)
220
°C / W
Marking : DA
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8169
D2404SB TS IM TB-00001043
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SB0203EJ
Schottky Barrier Diode
30V, 200mA Rectifier


同様の部品番号 - SB0203EJ

メーカー部品番号データシート部品情報
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB020 BILIN-SB020 Datasheet
47Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
353Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Gulf Semiconductor
SB020 GULFSEMI-SB020 Datasheet
101Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
71Kb / 4P
   Miniature Schottky Barrier Rectifier
Revision: 16-Oct-09
More results

同様の説明 - SB0203EJ

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SS0203EJ SANYO-SS0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
logo
Torex Semiconductor
XBS023P11R-G TOREX-XBS023P11R-G Datasheet
225Kb / 5P
   Schottky Barrier Diode, 200mA, 30V Type
logo
Silicon Supplies
BAT54 SS-BAT54 Datasheet
1Mb / 3P
   30V 200mA Schottky Diode
Rev 1.1 13/07/23
logo
AiT Semiconductor Inc.
BAT54W AITSEMI-BAT54W Datasheet
454Kb / 5P
   SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
BAT54CW AITSEMI-BAT54CW Datasheet
445Kb / 5P
   SCHOTTKY DIODE 0.52V/200mA 30V/0.5uA
REV1.0
logo
Sanyo Semicon Device
SB02-03Q SANYO-SB02-03Q Datasheet
55Kb / 2P
   30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03S SANYO-SB02W03S Datasheet
56Kb / 2P
   30V, 200mA Rectifier
SB02W03C SANYO-SB02W03C Datasheet
60Kb / 2P
   30V, 200mA Rectifier
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
   30V, 200mA Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com