データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS0503EC データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 SS0503EC
部品情報  Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS0503EC データシート(HTML) 3 Page - Sanyo Semicon Device

  SS0503EC Datasheet HTML 1Page - Sanyo Semicon Device SS0503EC Datasheet HTML 2Page - Sanyo Semicon Device SS0503EC Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS0503EC
No. A0510-3/3
0.1
1.0
2
10
2
3
7
5
3
2
7
5
3
5
100
72
10
33
57
2
5
IT11465
(4)
(3)
0
0.1
0.2
0.3
20
60
40
140
80
100
120
0
0.4
0.6
0.5
(2)
(1)
IT11464
(2) (4) (3)
(1)
0
0
0.1
0.35
0.30
0.45
0.40
0.10
0.05
0.25
0.20
0.15
0.2
0.3
0.4
0.6
0.5
IT11462
(4)
(3)
(1)
020
35
25
30
15
10
5
(2)
IT11463
2.0E--04
0.0E+00
1.0E--04
3.0E--04
4.0E--04
6.0E--04
5.0E--04
7.0E--04
Reverse Voltage, VR -- V
C -- VR
Tc -- IO
Average Output Current, IO -- A
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine
wave
*When mounted
in reliability operaion
board, Rth(J-a)=70°C/W
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Average Output Current, IO -- A
PF(AV) -- IO
PR(AV) -- VRM
Peak Reverse Voltage, VRM -- V
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
180
°
360
°
VR
Sine wave
θ
360
°
VR
Rectangular
wave
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
PS
This catalog provides information as of November, 2006. Specifications and information herein are subject
to change without notice.


同様の部品番号 - SS0503EC

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 500mA Rectifier
More results

同様の説明 - SS0503EC

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503SH SANYO-SS0503SH Datasheet
33Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
   Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
logo
Cystech Electonics Corp...
RB0520LSH CYSTEKEC-RB0520LSH Datasheet
240Kb / 6P
   0.5A Low VF Schottky Barrier Rectifier
logo
Sanyo Semicon Device
SBS818 SANYO-SBS818 Datasheet
63Kb / 4P
   Low VF Schottky Barrier Diode 30V, 2.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
   Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Central Semiconductor C...
PB-CFSH05_1509 CENTRAL-PB-CFSH05_1509 Datasheet
1Mb / 2P
   20V, 0.5A Low VF Schottky Diode
logo
Sanyo Semicon Device
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com