データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS0503SH データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 SS0503SH
部品情報  Schottky Barrier Diode 30V, 0.5A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS0503SH データシート(HTML) 3 Page - Sanyo Semicon Device

  SS0503SH Datasheet HTML 1Page - Sanyo Semicon Device SS0503SH Datasheet HTML 2Page - Sanyo Semicon Device SS0503SH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS0503SH
No.8067-3/3
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be exported without obtaining the export license from the authorities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of February, 2005. Specifications and information herein are subject
to change without notice.
PS
7 0.01
23
7
0.1
0
52
2
37 1.0
5
7
5
6
4
3
2
1
3
Time, t -- s
IFSM -- t
ID00387
IS
20ms
t
Current waveform 50Hz sine wave


同様の部品番号 - SS0503SH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SS0503SH ONSEMI-SS0503SH Datasheet
320Kb / 6P
   Schottky Barrier Diode
September, 2013
SS0503SH-TL-E ONSEMI-SS0503SH-TL-E Datasheet
320Kb / 6P
   Schottky Barrier Diode
September, 2013
More results

同様の説明 - SS0503SH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
   Schottky Barrier Diode 30V, 0.5A Rectifier
SS0503EC SANYO-SS0503EC Datasheet
51Kb / 3P
   Low VF Schottky Barrier Diode 30V, 0.5A Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
   Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
SB0509V SANYO-SB0509V Datasheet
33Kb / 3P
   Schottky Barrier Diode 90V, 0.5A Rectifier
logo
Diodes Incorporated
SDM05U20S3 DIODES-SDM05U20S3 Datasheet
289Kb / 5P
   0.5A SCHOTTKY BARRIER RECTIFIER
logo
Will Semiconductor Ltd.
WSB5539N WILLSEMI-WSB5539N Datasheet
1Mb / 4P
   0.5A, Schottky Barrier Diode
logo
Sanyo Semicon Device
SBM0203R SANYO-SBM0203R Datasheet
48Kb / 4P
   Schottky Barrier Diode 30V, 0.2A Rectifier
SBM1503S SANYO-SBM1503S Datasheet
45Kb / 3P
   Schottky Barrier Diode 30V, 1.5A Rectifier
SB0203EJ SANYO-SB0203EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 200mA Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com