データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS05015M データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 SS05015M
部品情報  Schottky Barrier Diode 15V, 500mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SS05015M データシート(HTML) 1 Page - Sanyo Semicon Device

  SS05015M Datasheet HTML 1Page - Sanyo Semicon Device SS05015M Datasheet HTML 2Page - Sanyo Semicon Device SS05015M Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS05015M
No.8066-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low forward voltage (IF=0.3A, VF max=0.4V) (IF=0.5A, VF max=0.45V).
Ultrasmall package permitting applied sets to be small and slim (mounting height 0.85mm).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
15
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
15
V
Average Output Current
IO
500
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
10
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=0.5mA
15
V
Forward Voltage
VF1IF=0.3A
0.35
0.4
V
VF2IF=0.5A
0.4
0.45
V
Reverse Current
IR
VR=6V
90
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
15
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (600mm2!0.8mm)
138
°C / W
Marking : SG
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8066
21505SB TS IM TA-101008
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SS05015M
Schottky Barrier Diode
15V, 500mA Rectifier


同様の部品番号 - SS05015M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
More results

同様の説明 - SS05015M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SBS011 SANYO-SBS011 Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 150mA Rectifier
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
   Schottky Barrier Diode 15V, 1A Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
   Schottky Barrier Diode 15V, 0.5A Rectifier
SBS001C SANYO-SBS001C Datasheet
52Kb / 2P
   15V, 500mA Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 500mA Rectifier
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
SB20015M SANYO-SB20015M Datasheet
42Kb / 3P
   Low IR Schottky Barrier Diode 15V, 2.0A Rectifier
SBS817 SANYO-SBS817 Datasheet
58Kb / 4P
   Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com