データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33076 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC33076
部品情報  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076 データシート(HTML) 2 Page - ON Semiconductor

  MC33076_1 Datasheet HTML 1Page - ON Semiconductor MC33076_1 Datasheet HTML 2Page - ON Semiconductor MC33076_1 Datasheet HTML 3Page - ON Semiconductor MC33076_1 Datasheet HTML 4Page - ON Semiconductor MC33076_1 Datasheet HTML 5Page - ON Semiconductor MC33076_1 Datasheet HTML 6Page - ON Semiconductor MC33076_1 Datasheet HTML 7Page - ON Semiconductor MC33076_1 Datasheet HTML 8Page - ON Semiconductor MC33076_1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC33076
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (Note 2.)
VCC to
VEE
+36
V
Input Differential Voltage Range
VIDR
Note 1.
V
Input Voltage Range
VIR
Note 1.
V
Output Short Circuit Duration (Note 2.)
tSC
5.0
sec
Maximum Junction Temperature
TJ
+150
°C
Storage Temperature
Tstg
–60 to +150
°C
Maximum Power Dissipation
PD
Note 2.
mW
1. Either or both input voltages should not exceed VCC or VEE.
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded (see power dissipation
performance characteristic, Figure 2). See applications section for further information.
DC ELECTRICAL CHARACTERICISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS = 50 Ω, VCM = 0 V)
(VS = ±2.5 V to ±15 V)
TA = +25°C
TA = –40° to +85°C
3
|VIO|
0.5
0.5
4.0
5.0
mV
Input Offset Voltage Temperature Coefficient
(RS = 50 Ω, VCM = 0 V)
TA = –40° to +85°C
∆VIO/∆T
2.0
µV/°C
Input Bias Current (VCM = 0 V)
TA = +25°C
TA = –40° to +85°C
4, 5
IIB
100
500
600
nA
Input Offset Current (VCM = 0 V)
TA = +25°C
TA = –40° to +85°C
|IIO|
5.0
70
100
nA
Common Mode Input Voltage Range
6
VICR
–13
–14
+14
13
V
Large Signal Voltage Gain (VO = –10 V to +10 V)
(TA = +25°C)
RL = 100 Ω
RL = 600 Ω
(TA = –40° to +85°C)
RL = 600 Ω
7
AVOL
25
50
25
200
kV/V
Output Voltage Swing (VID = ±1.0 V)
(VCC = +15 V, VEE = –15 V)
RL = 100 Ω
RL = 100 Ω
RL = 600 Ω
RL = 600 Ω
(VCC = +2.5 V, VEE = –2.5 V)
RL = 100 Ω
RL = 100 Ω
8, 9, 10
VO+
VO–
VO+
VO–
VO+
VO–
10
13
1.2
+11.7
–11.7
+13.8
–13.8
+1.66
–1.74
–10
–13
–1.2
V
Common Mode Rejection (Vin = ±13 V)
11
CMR
80
116
dB
Power Supply Rejection
(VCC/VEE = +15 V/–15 V, +5.0 V/–15 V, +15 V/–5.0 V)
12
PSR
80
120
dB


同様の部品番号 - MC33076_1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
More results

同様の説明 - MC33076_1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com