データシートサーチシステム |
|
S-1112B27PI-L6MTFG データシート(PDF) 9 Page - Seiko Instruments Inc |
|
S-1112B27PI-L6MTFG データシート(HTML) 9 Page - Seiko Instruments Inc |
9 / 29 page HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR Rev.5.0_00 S-1112/1122 Series Seiko Instruments Inc. 9 Electrical Characteristics Table 7 (Ta = 25°C unless otherwise specified) Item Symbol Conditions Min. Typ. Max. Unit Test Circuit Output voltage *1 VOUT(E) VIN = VOUT(S) + 1.0 V, IOUT = 30 mA VOUT(S) × 0.99 VOUT(S) VOUT(S) × 1.01 V 1 Output current *2 IOUT VIN ≥ VOUT(S) + 1.0 V 150 *5 mA 3 Dropout voltage *3 Vdrop IOUT = 100 mA 1.5 V ≤ VOUT(S) ≤ 1.6 V 0.32 0.55 V 1.7 V ≤ VOUT(S) ≤ 1.8 V 0.28 0.47 1.9 V ≤ VOUT(S) ≤ 2.3 V 0.25 0.35 2.4 V ≤ VOUT(S) ≤ 2.7 V 0.20 0.29 2.8 V ≤ VOUT(S) ≤ 5.5 V 0.19 0.26 Line regulation OUT IN OUT1 V V V • ∆ ∆ VOUT(S) + 0.5 V ≤ VIN ≤ 6.5 V, IOUT = 30 mA 0.05 0.2 % / V 1 Load regulation ∆VOUT2 VIN = VOUT(S) + 1.0 V, 1.0 mA ≤ IOUT ≤ 80 mA 12 40 mV Output voltage temperature coefficient *4 OUT OUT V Ta V • ∆ ∆ VIN = VOUT(S) + 1.0 V, IOUT = 10 mA, −40°C ≤ Ta ≤ 85°C ±100 ppm/ °C Current consumption during operation ISS1 VIN = VOUT(S) + 1.0 V, ON/OFF pin = ON, no load 50 90 µA 2 Current consumption during shutdown ISS2 VIN = VOUT(S) + 1.0 V, ON/OFF pin = OFF, no load 0.1 1.0 Input voltage VIN 2.0 6.5 V Shutdown pin input voltage “H” VSH VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ 1.5 4 Shutdown pin input voltage “L” VSL VIN = VOUT(S) + 1.0 V, RL = 1.0 kΩ 0.3 Shutdown pin input current “H” ISH VIN = 6.5 V, VON/OFF = 6.5 V −0.1 0.1 µA Shutdown pin input current “L” ISL VIN = 6.5 V, VON/OFF = 0 V −0.1 0.1 Ripple rejection RR VIN = VOUT(S) + 1.0 V, f = 1.0 kHz, ∆Vrip = 0.5 Vrms, IOUT = 30 mA 80 dB 5 Short-circuit current Ishort VIN = VOUT(S) + 1.0 V, ON/OFF pin = ON, VOUT = 0 V 200 mA 3 *1. VOUT(S): Specified output voltage VOUT(E): Actual output voltage at the fixed load The output voltage when fixing IOUT( = 30 mA) and inputting VOUT(S) + 1.0 V *2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current. *3. Vdrop = VIN1 − (VOUT3 × 0.98) VOUT3 is the output voltage when VIN = VOUT(S) + 1.0 V and IOUT = 100 mA. VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage. *4. The change in temperature [mV/°C] is calculated using the following equation. [] [ ] [] 1000 C ppm/ V Ta V V V C mV/ Ta V OUT OUT OUT(S) OUT ÷ ° • ∆ ∆ × = ° ∆ ∆ 3 * 2 * *1 *1. The change in temperature of the output voltage *2. Specified output voltage *3. Output voltage temperature coefficient *5. The output current can be at least this value. Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the power dissipation of the package when the output current is large. This specification is guaranteed by design. |
同様の部品番号 - S-1112B27PI-L6MTFG |
|
同様の説明 - S-1112B27PI-L6MTFG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |