データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-1112B33PI-L6STFG データシート(PDF) 3 Page - Seiko Instruments Inc

部品番号 S-1112B33PI-L6STFG
部品情報  HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SII [Seiko Instruments Inc]
ホームページ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1112B33PI-L6STFG データシート(HTML) 3 Page - Seiko Instruments Inc

  S-1112B33PI-L6STFG Datasheet HTML 1Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 2Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 3Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 4Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 5Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 6Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 7Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 8Page - Seiko Instruments Inc S-1112B33PI-L6STFG Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.0_00
S-1112/1122 Series
Seiko Instruments Inc.
3
Product Name Structure
• The product types and output voltage for the S-1112/1122 Series can be selected at the user’s request.
Refer to the “Product name” for the meanings of the characters in the product name and “Product name
list” for the full product names.
1. Product name (S-1112 Series)
S-1112 x xx xx - xxx TF G
IC direction in tape specifications
*1
Product name (abbreviation)
*2
Package name (abbreviation)
PI : SNT-6A(H)
MC : SOT-23-5
Output voltage
15 ~ 55
(E.g., when the output voltage is 1.5 V,
it is expressed as 15.)
Product type
*3
A : ON/OFF pin negative logic
B : ON/OFF pin positive logic
*1. Refer to the taping specifications at the end of this book.
*2. Refer to the product name list.
*3. Refer to 3. Shutdown (ON/OFF pin) under the Operation.


同様の部品番号 - S-1112B33PI-L6STFG

メーカー部品番号データシート部品情報
logo
Seiko Instruments Inc
S-1112B33PI-L6STFG SII-S-1112B33PI-L6STFG Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

同様の説明 - S-1112B33PI-L6STFG

メーカー部品番号データシート部品情報
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com