データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM31R データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 SM31R
部品情報  Self-contained DC-operated Opposed Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM31R データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  SM31R Datasheet HTML 1Page - List of Unclassifed Manufacturers SM31R Datasheet HTML 2Page - List of Unclassifed Manufacturers SM31R Datasheet HTML 3Page - List of Unclassifed Manufacturers SM31R Datasheet HTML 4Page - List of Unclassifed Manufacturers SM31R Datasheet HTML 5Page - List of Unclassifed Manufacturers SM31R Datasheet HTML 6Page - List of Unclassifed Manufacturers SM31R Datasheet HTML 7Page - List of Unclassifed Manufacturers SM31R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
page
5
MINI-BEAM
® Sensors SM31E/SM31R and SM31EL/SM31RL
Banner Engineering Corp. Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
MINI-BEAM Modifications
Description
All MINI-BEAM sensors may be ordered with an integral 9 m (30')
cable in place of the standard 2 m (6.5') cable
Standard dc MINI-BEAM sensors with 1 millisecond output response may
be modified for 0.3 millisecond (300 µs) response.
NOTE: Faster response comes at the expense of lower excess gain.
Also, operating temperature range becomes -20º to +50ºC (-4º to +122ºF)
Model Suffix
Modification
MHS
Example of Model
Number
W/30
9 meter (30') cable
Modified for High
Speed
SM31E W/30
SM31EMHS
NOTE: Emitter and receiver
must both have MHS
modification
All MINI-BEAMs may be built
with a 150 mm (6") long
integral cable which is
terminated with the
appropriate QD connector.
QDP
Pigtail Quick
Disconnect
SM31EQDP
Replacement Lens Assemblies
MINI-BEAM lens assemblies are field-replaceable.
Model
Description
UC-300E
UC-300EL
Replacement lens for E/R
Replacement lens for
EL/RL or use for
extending range of E/R
Apertures
Opposed mode MINI-BEAM sensors may be fitted with apertures which narrow or shape the effective beam of the sensor to more closely match
the size or profile of the object to be sensed. A common example is the use of “line” or “slit” type aperture when wire or thread is be sensed.
Each model contains 20 apertures.
Model
Description
AP31-020
AP31-040
AP31-100
AP31-020H
AP31-040H
AP31-100H
AP31-200H
AP31-020V
AP31-040V
AP31-100V
AP31-200V
AP31-DVHX2
0.5 mm (0.02") diameter, circular
1.0 mm (0.04") diameter, circular
2.5 mm (0.10") diameter, circular
0.5 x 6.4 mm (0.02" x 0.25"), horizontal slotted
1.0 x 6.4 mm (0.04" x 0.25"), horizontal slotted
2.5 x 6.4 mm (0.10" x 0.25"), horizontal slotted
5.1 x 6.4 mm (0.20" x 0.25"), horizontal slotted
0.5 x 12.7 mm (0.02" x 0.50"), vertical slotted
1.0 x 12.7 mm (0.04" x 0.50"), vertical slotted
2.5 x 12.7 mm (0.10" x 0.50"), vertical slotted
5.1 x 12.7 mm (0.20" x 0.50"), vertical slotted
Kit containing two of each aperture
Right-Angle Reflectors
MINI-BEAM right-angle reflectors are useful for tight sensing
locations. NOTE: These reflectors significantly decrease excess gain.
RAR-
300FM
• Front mount reflector that attaches
directly to the threaded barrel of most
MINI-BEAMs
• Profile dimension of 34 mm (1.35")
in the direction of the scan
Model
Description
RAR-
300SM
• Side mount reflector
• Profile dimension of 14 mm (0.56") in
the direction of the scan


同様の部品番号 - SM31R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM31R ETC2-SM31R Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31R ETC2-SM31R Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31R ETC2-SM31R Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM31R ETC2-SM31R Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM31R BANNER-SM31R Datasheet
1Mb / 4P
   Laser Diode Emitter
More results

同様の説明 - SM31R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com