データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM65MLVD080DGGR データシート(PDF) 6 Page - Texas Instruments

部品番号 SM65MLVD080DGGR
部品情報  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM65MLVD080DGGR データシート(HTML) 6 Page - Texas Instruments

Back Button SM65MLVD080DGGR Datasheet HTML 2Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 3Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 4Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 5Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 6Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 7Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 8Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 9Page - Texas Instruments SM65MLVD080DGGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
2
4
6
ns
tpHL
Propagation delay time, high-to-low-level output
2
4
6
ns
tr
Output signal rise time
1
2.3
ns
tf
Output signal fall time
CL = 15 pF, See Figure 10
1
2.3
ns
tsk(o)
Output skew
350
ps
tsk(p)
Pulse skew (|tPHL– tPLH|)
50
350
ps
tsk(pp)
Part-to-part skew(2)
1
ns
tjit(per)
Period jitter, rms (1 standard deviation) ((3))
7
ps
100 MHz clock input(4)
tjit(c-c)
Cycle-to-cycle jitter, rms
110
ps
Type 1
550
ps
tjit(det)
Deterministic jitter
Type 2
480
ps
200 Mbps 215–1 PRBS input(5)
Type 1
720
ps
tjit(pp)
Peak-to-peak jitter (3)(6)
Type 2
660
ps
tPZH
Enable time, high-impedance-to-high-level output
30
ns
tPZL
Enable time, high-impedance-to-low-level output
30
ns
CL = 15 pF, See Figure 11
tPHZ
Disable time, high-level-to-high-impedance output
18
ns
tPLZ
Disable time, low-level-to-high-impedance output
28
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
VID = 200 mVpp ('080), VID = 400 mVpp ('082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 30 k samples.
(5)
VID = 200 mVpp ('080), VID = 400 mVpp ('082), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 100 k samples.
(6)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
6
Submit Documentation Feedback


同様の部品番号 - SM65MLVD080DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
More results

同様の説明 - SM65MLVD080DGGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
[Old version datasheet]   4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
DS91C176 TI1-DS91C176_14 Datasheet
1,007Kb / 20P
[Old version datasheet]   100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com