データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ACT7802-25PN データシート(PDF) 7 Page - Texas Instruments

部品番号 SN74ACT7802-25PN
部品情報  1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7802-25PN データシート(HTML) 7 Page - Texas Instruments

Back Button SN74ACT7802-25PN Datasheet HTML 3Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 4Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 5Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 6Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 7Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 8Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 9Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 10Page - Texas Instruments SN74ACT7802-25PN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74ACT7802
1024
× 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SCAS187D – AUGUST 1990 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to a disabled 3-state output
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): FN package
39
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PN package
62
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
’ACT7802-25
’ACT7802-40
’ACT7802-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
IOH
High-level output current
–8
–8
–8
mA
IOL
Low-level output current
16
16
16
mA
TA
Operating free-air temperature
0
70
0
70
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = –8 mA
2.4
V
VOL
VCC = 4.5 V,
IOL = 16 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
ICC§
VI = VCC – 0.2 V or 0
400
µA
∆ICC§
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ ICC tested with outputs open


同様の部品番号 - SN74ACT7802-25PN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802FN TI-SN74ACT7802FN Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7802PN TI-SN74ACT7802PN Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
More results

同様の説明 - SN74ACT7802-25PN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT7802 TI-SN74ACT7802 Datasheet
156Kb / 12P
[Old version datasheet]   1024 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806 Datasheet
137Kb / 10P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804 Datasheet
146Kb / 11P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7806 TI-SN74ACT7806_06 Datasheet
174Kb / 12P
[Old version datasheet]   256 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7814 TI-SN74ACT7814 Datasheet
146Kb / 11P
[Old version datasheet]   64 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7804 TI-SN74ACT7804_06 Datasheet
183Kb / 13P
[Old version datasheet]   512 횞 18 STROBED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com