データシートサーチシステム |
|
RV5C339A データシート(PDF) 4 Page - RICOH electronics devices division |
|
RV5C339A データシート(HTML) 4 Page - RICOH electronics devices division |
4 / 46 page RV5C339A 4 RECOMMENDED OPERATING CONDITIONS (Vss=0V,Topt=–40 to +85˚C) Symbol Item Conditions MIN. TYP. MAX. Unit VDD Supply Voltage 2.0 5.5 V VCLK Timekeeping Voltage 1.45 5.5 V fXT Oscillation Frequency 32.768 kHz VPUP Pull-up Voltage 32KOUT, INTRA, INTRB 5.5 V ABSOLUTE MAXIMUM RATINGS Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device. These are stress ratings only and do not necessarily imply functional operation below these limits. ABSOLUTE MAXIMUM RATINGS Symbol Item Conditions Ratings Unit VDD Supply Voltage –0.3 to +6.5 V VI Input Voltage 1 SIO –0.3 to VDD+0.3 V Input Voltage 2 SCLK, CE –0.3 to +6.5 VO Output Voltage 1 SIO –0.3 to VDD+0.3 V Output Voltage 2 32KOUT, INTRA, INTRB –0.3 to +6.5 PD Power Dissipation Topt=25˚C 300 mW Topt Operating Temperature –40 to +85 ˚C Tstg Storage Temperature –55 to +125 ˚C (Vss=0V) |
同様の部品番号 - RV5C339A_03 |
|
同様の説明 - RV5C339A_03 |