データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIPL761C データシート(PDF) 1 Page - Power Innovations Ltd

部品番号 TIPL761C
部品情報  NPN SILICON POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POINN [Power Innovations Ltd]
ホームページ  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL761C データシート(HTML) 1 Page - Power Innovations Ltd

  TIPL761C Datasheet HTML 1Page - Power Innovations Ltd TIPL761C Datasheet HTML 2Page - Power Innovations Ltd TIPL761C Datasheet HTML 3Page - Power Innovations Ltd TIPL761C Datasheet HTML 4Page - Power Innovations Ltd TIPL761C Datasheet HTML 5Page - Power Innovations Ltd TIPL761C Datasheet HTML 6Page - Power Innovations Ltd TIPL761C Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TIPL761B, TIPL761C
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
MAY 1989 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
Rugged Triple-Diffused Planar Construction
q
4 A Continuous Collector Current
q
Operating Characteristics Fully Guaranteed
at 100°C
q
1200 Volt Blocking Capability
q
100 W at 25°C Case Temperature
SOT-93 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRAA
B
C
E
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTE
1: This value applies for tp ≤ 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
TIPL761B
TIPL761C
VCBO
1100
1200
V
Collector-emitter voltage (VBE = 0)
TIPL761B
TIPL761C
VCES
1100
1200
V
Collector-emitter voltage (IB = 0)
TIPL761B
TIPL761C
VCEO
500
550
V
Emitter-base voltage
VEBO
10
V
Continuous collector current
IC
4
A
Peak collector current (see Note 1)
ICM
8
A
Continuous device dissipation at (or below) 25°C case temperature
Ptot
100
W
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C


同様の部品番号 - TIPL761C

メーカー部品番号データシート部品情報
logo
Power Innovations Ltd
TIPL761 POINN-TIPL761 Datasheet
166Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL761 TRSYS-TIPL761 Datasheet
901Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIPL761A POINN-TIPL761A Datasheet
166Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL761A TRSYS-TIPL761A Datasheet
901Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

同様の説明 - TIPL761C

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com