データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC07-11 データシート(PDF) 1 Page - Kingbright Corporation

部品番号 TC07-11
部品情報  18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC07-11 データシート(HTML) 1 Page - Kingbright Corporation

  TC07-11 Datasheet HTML 1Page - Kingbright Corporation TC07-11 Datasheet HTML 2Page - Kingbright Corporation TC07-11 Datasheet HTML 3Page - Kingbright Corporation TC07-11 Datasheet HTML 4Page - Kingbright Corporation TC07-11 Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Kingbright
®
TC07-11#1
18mm (0.7 INCH) SINGLE COLOR DOT
MATRIX DISPLAYS
TC07-11 SERIES
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Features
!
0.7 INCH MATRIX HEIGHT
.
!
DOT SIZE 2mm.
!
LOW CURRENT OPERATION.
!
COMPATIBLE WITH USACII AND EBCDIC CODES.
!
STACKABLE VERTICALLY AND HORIZONTALLY.
!
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
!
CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
!
MECHANICALLY RUGGED.
!
STANDARD: GRAY FACE, WHITE DOT.
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subjected to change whitout notice.


同様の部品番号 - TC07-11

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
TC07-11CGKWA KINGBRIGHT-TC07-11CGKWA Datasheet
354Kb / 6P
   Low current operation
logo
List of Unclassifed Man...
TC07-11EWA ETC-TC07-11EWA Datasheet
153Kb / 5P
   18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TC07-11GWA ETC-TC07-11GWA Datasheet
153Kb / 5P
   18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TC07-11GWA KINGBRIGHT-TC07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
More results

同様の説明 - TC07-11

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TA07-11EWA ETC-TA07-11EWA Datasheet
153Kb / 5P
   18MM (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA07-11EWA KINGBRIGHT-TA07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11YWA KINGBRIGHT-TC07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11SRWA KINGBRIGHT-TC07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11SRWA KINGBRIGHT-TA07-11SRWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11PBWA KINGBRIGHT-TC07-11PBWA Datasheet
86Kb / 3P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11YWA KINGBRIGHT-TA07-11YWA Datasheet
229Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TA07-11GWA KINGBRIGHT-TA07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11EWA KINGBRIGHT-TC07-11EWA Datasheet
230Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11GWA KINGBRIGHT-TC07-11GWA Datasheet
228Kb / 4P
   18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com