データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1201AB データシート(PDF) 8 Page - Power Innovations Ltd

部品番号 LB1201AB
部品情報  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POINN [Power Innovations Ltd]
ホームページ  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AB データシート(HTML) 8 Page - Power Innovations Ltd

Back Button LB1201AB Datasheet HTML 4Page - Power Innovations Ltd LB1201AB Datasheet HTML 5Page - Power Innovations Ltd LB1201AB Datasheet HTML 6Page - Power Innovations Ltd LB1201AB Datasheet HTML 7Page - Power Innovations Ltd LB1201AB Datasheet HTML 8Page - Power Innovations Ltd LB1201AB Datasheet HTML 9Page - Power Innovations Ltd LB1201AB Datasheet HTML 10Page - Power Innovations Ltd LB1201AB Datasheet HTML 11Page - Power Innovations Ltd LB1201AB Datasheet HTML 12Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
8
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
TISP61060 buffered gate protector
The TISP61060 improves on the original IC based design in three ways, Figure 5. Firstly, the thin lateral IC
structure has been changed to a vertical power device structure for increased area efficiency and greater
Figure 4. IC PROTECTOR HIGH IMPEDANCE POWER CROSS CLIPPING WAVE FORMS
Figure 5. TISP61060 BUFFERED GATE PROTECTOR
Time - ms
0
5
10
15
20
-300
-200
-100
0
100
200
300
-100
-80
-60
-40
-20
0
20
40
60
80
100
Time - ms
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
10
V
G
V
K
I
K
I
G
AI6XAH
R1
50
RING
WIRE
TIP
WIRE
SLIC
TISP61060
V
BAT
C1
100 nF
AI6XAE
600
600
A.C.
GENERATOR
0 - 600 Vrms
SWITCHING MODE
POWER SUPPLY
GENERATOR
SOURCE
RESISTANCE
I
BAT
I
G
I
SLIC
C2
D1
Tx
R2
50
Th4
Th5


同様の部品番号 - LB1201AB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

同様の説明 - LB1201AB

メーカー部品番号データシート部品情報
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com