データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1201AB データシート(PDF) 2 Page - Power Innovations Ltd

部品番号 LB1201AB
部品情報  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POINN [Power Innovations Ltd]
ホームページ  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AB データシート(HTML) 2 Page - Power Innovations Ltd

  LB1201AB Datasheet HTML 1Page - Power Innovations Ltd LB1201AB Datasheet HTML 2Page - Power Innovations Ltd LB1201AB Datasheet HTML 3Page - Power Innovations Ltd LB1201AB Datasheet HTML 4Page - Power Innovations Ltd LB1201AB Datasheet HTML 5Page - Power Innovations Ltd LB1201AB Datasheet HTML 6Page - Power Innovations Ltd LB1201AB Datasheet HTML 7Page - Power Innovations Ltd LB1201AB Datasheet HTML 8Page - Power Innovations Ltd LB1201AB Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
2
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
These monolithic protection devices are fabricated in ion-implanted planar vertical power structures for high
reliability and in normal system operation they are virtually transparent. The buffered gate design reduces the
loading on the SLIC supply during overvoltages caused by power cross and induction.
NOTES: 1. Initially the protector must be in thermal equilibrium with -40°C
≤ T
J ≤ 85°C. The surge may be repeated after the device returns to
its initial conditions.
2. The rated current values may be applied either to the Ring to Ground or to the Tip to Ground terminal pairs. Additionally, both
terminal pairs may have their rated current values applied simultaneously (in this case the Ground terminal current will be twice the
rated current value of an individual terminal pair). Above 85°C, derate linearly to zero at 150°C lead temperature.
absolute maximum ratings
RATING
SYMBOL
VALUE
UNIT
Repetitive peak off-state voltage, IG = 0, -40°C ≤ TJ ≤ 85°C
VDRM
-100
V
Repetitive peak gate-cathode voltage, VKA = 0, -40°C ≤ TJ ≤ 85°C
VGKRM
-85
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
10/1000 µs
30
10/160 µs
45
2/10 µs
50
Non-repetitive peak on-state current (see Notes 1 and 2)
ITSM
Arms
60 Hz sine-wave, 25 ms
6
60 Hz sine-wave, 2 s
1
Continuous on-state current (see Note 2)
ITM
0.3
A
Continuous forward current (see Note 2)
IFM
0.3
A
Operating free-air temperature range
TA
-40 to +85
°C
Storage temperature range
Tstg
-40 to +150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 s
TL
260
°C
recommended operating conditions
MIN
TYP
MAX
UNIT
CG
Gate decoupling capacitor
100
nF
electrical characteristics, -40°C
≤ T
J ≤ 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ID
Off-state current
VD = -85 V, VGK = 0 V
TJ = 25°C
5
µA
TJ = 85°C
50
µA
V(BO)
Breakover voltage
dv/dt = -250 V/ms, Source Resistance = 300
Ω, V
GG = -50 V
dv/dt = -250 V/ms, Source Resistance = 300
Ω, V
GG = -65 V
IT = 12.5 A, 10/1000 µs, Source Resistance = 80 Ω, VGG = -50 V
-53
-68
-55
V
IS
Switching current
dv/dt = -250 V/ms, Source Resistance = 300
Ω, V
GG = -50 V
-100
mA
VT
On-state voltage
IT = 1 A
IT = 10 A
IT = 16 A
IT = 30 A
3
4
5
7
V
VF
Forward voltage
IF = 1 A
IF = 10 A
IF = 16 A
IF = 30 A
2
4
5
5
V
IH
Holding current
IT = -1 A, di/dt = +1A/ms, VGG = -50 V
-150
mA


同様の部品番号 - LB1201AB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
   LH1263 E&M Signaling Circuit
More results

同様の説明 - LB1201AB

メーカー部品番号データシート部品情報
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com