データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS432A データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS432A
部品情報  Adjustable Precision Shunt Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432A データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS432A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS432/A/B
1-7
2003/12 rev. A
TS432/432A/432B
Adjustable Precision Shunt Regulator
Sink Current Capability up to 100mA
General Description
The TS432/432A/432B is a three-terminal adjustable shunt regulator with specified thermal stability. The output voltage
may be set to any value between Vref (approximately 1.24V) and 18V with two external resistors. The TS432/432A/432B
has a typical output impedance of 0.2Ω. Active output circuitry provides a very sharp turn-on characteristic, making the
TS432/432A/432B excellent replacement for zener diode in many applications.
This series is offered in 3-pin TO-92, SOT-89, SOT-23 and 5-pin SOT-25 package.
Standard Application
Features
Precision Reference Voltage
TS432
1.24V±2%
TS432A 1.24V±1%
TS432B 1.24V±0.5%
Minimum Cathode Current for regulation: 150uA(typ)
Equivalent Full Range Temp. Coefficient: 50ppm/
oC
Programmable Output Voltage up to 18V
Fast Turn-On Response
Sink Current Capability of 1.0 to 100 mA
Low Dynamic Output Impedance: 0.2
Low Output Noise
Block Diagram
Ordering Information
Note: Where x denotes voltage tolerance.
Blank: ±2%
A: ±1%
B: ±0.5%
Part No.
Operating Temp.
(Ambient)
Package
TS432xCT
TO-92
TS432xCY
SOT-89
TS432xCX
SOT-23
TS432xCX5
-20 ~ +85
oC
SOT-25
Pin Assignment
Pin No.
TS432/A/BCT
TS432/A/BCY
TS432/A/BCX
TS432/A/BCX5
Pin
Description
1
1
1
4
Reference
2
2
3
5
Anode
3
3
2
3
Cathode
1, 2
Non connect


同様の部品番号 - TS432A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS432ACTA3 TSC-TS432ACTA3 Datasheet
985Kb / 12P
   Adjustable Precision Shunt Regulator
TS432ACTA3G TSC-TS432ACTA3G Datasheet
985Kb / 12P
   Adjustable Precision Shunt Regulator
TS432ACTB0 TSC-TS432ACTB0 Datasheet
985Kb / 12P
   Adjustable Precision Shunt Regulator
TS432ACTB0G TSC-TS432ACTB0G Datasheet
985Kb / 12P
   Adjustable Precision Shunt Regulator
TS432ACTRF TSC-TS432ACTRF Datasheet
985Kb / 12P
   Adjustable Precision Shunt Regulator
More results

同様の説明 - TS432A

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com