データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6043A4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6043A4
部品情報  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6043A4 データシート(HTML) 3 Page - Texas Instruments

  TPA6043A4 Datasheet HTML 1Page - Texas Instruments TPA6043A4 Datasheet HTML 2Page - Texas Instruments TPA6043A4 Datasheet HTML 3Page - Texas Instruments TPA6043A4 Datasheet HTML 4Page - Texas Instruments TPA6043A4 Datasheet HTML 5Page - Texas Instruments TPA6043A4 Datasheet HTML 6Page - Texas Instruments TPA6043A4 Datasheet HTML 7Page - Texas Instruments TPA6043A4 Datasheet HTML 8Page - Texas Instruments TPA6043A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
BYPASS
SPKR_RIN–
Thermal
Pad
32
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
SPKR_EN
HP_EN
SPGND
ROUT+
ROUT–
SPVDD
HPVDD
TPA6043A4RHB
(TOP VIEW)
SPKR_RIN+
SPKR_LIN+
SPKR_LIN–
SPGND
LOUT+
LOUT–
SPVDD
TPA6043A4
SLOS543 – AUGUST 2007
AVAILABLE PACKAGE OPTIONS
TA
PACKAGED DEVICE(1)(2)
SYMBOL
32-Pin QFN (RHB)
–40
°C to 85°C
TPA6043A4RHB
RHB
(1)
The RHB package is available taped and reeled. To order a taped and reeled part, add the suffix R to
the part number (e.g., TPA6043A4RHBR).
(2)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
TERMINAL FUNCTIONS
TERMINAL
I/O/P
DESCRIPTION
NAME
NO.
SPKR_RIN–
1
I
Right-channel negative differential audio input for speaker amplifier
SPKR_RIN+
2
I
Right-channel positive differential audio input for speaker amplifier
SPKR_LIN+
3
I
Left-channel positive differential audio input for speaker amplifier
SPKR_LIN–
4
I
Left-channel negative differential audio input for speaker amplifier
SPGND
5, 21
P
Speaker power ground
LOUT+
6
O
Left-channel positive audio output
LOUT–
7
O
Left-channel negative audio output
SPVDD
8, 18
P
Supply voltage terminal for speaker amplifier
CPVDD
9
P
Charge pump positive supply, connect to HPVDD via star connection
C1P
10
I/O
Charge pump flying capacitor positive terminal
CPGND
11
P
Charge pump ground
C1N
12
I/O
Charge pump flying capacitor negative terminal
CPVSS
13
P
Charge pump output (negative supply for headphone amplifier), connect to HPVSS
HPVSS
14
P
Headphone amplifier negative supply, connect to CPVSS
HP_OUTR
15
O
Right-channel capacitor-free headphone output
HP_OUTL
16
O
Left-channel capacitor-free headphone output
HPVDD
17
P
Headphone amplifier supply voltage, connect to CPVDD
ROUT–
19
O
Right-channel negative audio output
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA6043A4


同様の部品番号 - TPA6043A4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results

同様の説明 - TPA6043A4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com