データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1620 データシート(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-1620
部品情報  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1620 データシート(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1620 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1620 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Figure A. T-1 package.
Figure B. T-13/4 package.
Package Dimensions
HLMP-1600, HLMP-1601, HLMP-1620, HLMP-1621
HLMP-1640, HLMP-1641, HLMP-3600, HLMP-3601
HLMP-3650, HLMP-3651, HLMP-3680, HLMP-3681
Features
• Integral current limiting resistor
• TTL compatible
Requires no external current Limiter with 5 volt/12 volt
supply
• Cost effective
Saves space and resistor cost
• Wide viewing angle
• Available in all colors
Red, High Efficiency Red, Yellow, and High Performance
Green in T-1 and T-13/4 packages
Description
The 5 volt and 12 volt series lamps contain an
integral current limiting resistor in series with the
LED. This allows the lamp to be driven from a 5 volt/
12 volt source without an external current limiter.
The red LEDs are made from GaAsP on a GaAs
substrate. The High Efficiency Red and Yellow
devices use GaAsP on a GaP substrate.
The green devices use GaP on a GaP substrate. The
diffused lamps provide a wide off-axis viewing angle.
The T-13/4 lamps are provided with sturdy leads
suitable for wire wrap applications. The T-13/4 lamps
may be front panel mounted by using the HLMP-0103
clip and ring.
6.1 (0.240)
5.6 (0.220)
23.0
(0.90)
MIN.
0.64 (0.025)
SQUARE NOMINAL
2.54 (0.100)
NOM.
CATHODE
1.27 (0.050)
NOM.
0.89 (0.035)
0.64 (0.025)
9.19 (0.362)
8.43 (0.332)
11.56 (0.455)
10.80 (0.425)
1.32 (0.052)
1.02 (0.040)
5.08 (0.200)
4.57 (0.180)
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
2. AN EPOXY MENISCUS MAY EXTEND ABOUT
1 mm (0.040") DOWN THE LEADS.
HLMP-1600
T-13/4 (5 mm),T-1 (3 mm),5Volt,12 Volt,
Integrated Resistor LED Lamps
Data Sheet
1.02 (0.040)
NOM.
3.43 (0.135)
2.92 (0.115)
24.13
(0.95)
MIN.
4.70 (0.185)
4.19 (0.165)
3.18 (0.125)
2.67 (0.105)
2.54 (0.100) NOM.
1.27 (0.050)
NOM.
6.35 (0.250)
5.58 (0.220)
0.45 (0.018)
SQUARE NOM.
0.65 (0.026)
MAX.
CATHODE


同様の部品番号 - HLMP-1620

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1620 HP-HLMP-1620 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1620 AVAGO-HLMP-1620 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1620OB00 HP-HLMP-1620OB00 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1620OB01 HP-HLMP-1620OB01 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1620OB02 HP-HLMP-1620OB02 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

同様の説明 - HLMP-1620

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com