データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF15CV データシート(PDF) 8 Page - STMicroelectronics

部品番号 LF15CV
部品情報  Very low drop voltage regulators with inhibit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF15CV データシート(HTML) 8 Page - STMicroelectronics

Back Button LF15CV Datasheet HTML 4Page - STMicroelectronics LF15CV Datasheet HTML 5Page - STMicroelectronics LF15CV Datasheet HTML 6Page - STMicroelectronics LF15CV Datasheet HTML 7Page - STMicroelectronics LF15CV Datasheet HTML 8Page - STMicroelectronics LF15CV Datasheet HTML 9Page - STMicroelectronics LF15CV Datasheet HTML 10Page - STMicroelectronics LF15CV Datasheet HTML 11Page - STMicroelectronics LF15CV Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Electrical characteristics
LFxxAB - LFxxC
8/45
Table 6.
Electrical characteristics for LF18AB (refer to the test circuits, TJ = 25°C, CI = 0.1 µF, CO
= 2.2
μF unless otherwise specified.)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 50 mA, VI = 3.3 V
1.782
1.8
1.818
V
IO = 50 mA, VI = 3.3 V, Ta = -25 to 85°C
1.764
1.836
VI
Operating input voltage
IO = 500 mA
3
16
V
IO
Output current limit
1
A
ΔVO
Line regulation
VI = 2.8 to 16 V, IO = 5 mA
2
12
mV
ΔVO
Load regulation
VI = 3.3 V, IO = 5 to 500 mA
2
10
mV
Id
Quiescent current
VI = 2.5 to 16V, IO = 0mA
ON MODE
0.5
1
mA
VI = 3.1 to 16V, IO=500mA
12
VI = 6 V
OFF MODE
50
100
µA
SVR
Supply voltage rejection
IO = 5 mA, VI = 3.5 ± 1 V
f = 120 Hz
82
dB
f = 1 KHz
77
f = 10 KHz
60
eN
Output noise voltage
B = 10 Hz to 100 KHz
50
µV
Vd
Dropout voltage
IO = 200 mA
0.7
V
VIL
Control input logic low
Ta = -40 to 125°C
0.8
V
VIH
Control input logic high
Ta = -40 to 125°C
2
V
II
Control input current
VI = 6 V, VC = 6 V
10
µA
CO
Output bypass
capacitance
ESR = 0.1 to 10
Ω, IO = 0 to 500 mA
2
10
µF


同様の部品番号 - LF15CV

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LF15CV STMICROELECTRONICS-LF15CV Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15CV STMICROELECTRONICS-LF15CV Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF15CV STMICROELECTRONICS-LF15CV Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
LF15CV STMICROELECTRONICS-LF15CV Datasheet
1Mb / 49P
   Very low drop voltage regulators with inhibit
LF15CV5V STMICROELECTRONICS-LF15CV5V Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results

同様の説明 - LF15CV

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com