データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM1112 データシート(PDF) 3 Page - Ramtron International Corporation

部品番号 FM1112
部品情報  Nonvolatile 3V Quad State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RAMTRON [Ramtron International Corporation]
ホームページ  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1112 データシート(HTML) 3 Page - Ramtron International Corporation

  FM1112 Datasheet HTML 1Page - Ramtron International Corporation FM1112 Datasheet HTML 2Page - Ramtron International Corporation FM1112 Datasheet HTML 3Page - Ramtron International Corporation FM1112 Datasheet HTML 4Page - Ramtron International Corporation FM1112 Datasheet HTML 5Page - Ramtron International Corporation FM1112 Datasheet HTML 6Page - Ramtron International Corporation FM1112 Datasheet HTML 7Page - Ramtron International Corporation FM1112 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FM1112 NV Quad State Saver
Rev. 1.0
Aug. 2007
Page 3 of 8
Description
Nonvolatile
storage
applied
to
logic
is
a
revolutionary concept. The FM1112 simplifies the
design of system control functions. This product is
unique because it remembers the stored output
values in the absence of power. Any change in the
latched state is automatically written to a nonvolatile
ferroelectric latch. This function is possible due to
the fast write time and extremely high write
endurance of the underlying ferroelectric memory
technology.
Use of Enable Pin
The FM1112 has an enable pin that is intended to be
used in conjunction with a system reset. An active-
low reset may be tied directly to the EN pin. At
power-up, /RESET will be held low for some time
during which the data input and CLK pins will be
ignored. Once the system comes out of reset and EN
goes high, the outputs QN drive to the state that were
previously latched and the device operates normally.
When the EN pin is low, the outputs QN are tri-
stated.
The enable pin may be tied to VDD since the device
integrates a power management circuit that monitors
the VDD level during power cycles.


同様の部品番号 - FM1112

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
More results

同様の説明 - FM1112

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314 Datasheet
201Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com